Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR43-2812 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # HR43-2812
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR43-2812 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  HR43-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR43-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR43-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR43-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR43-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR43-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIN OUT
Pin
Single Output
Dual Output
Triple Output
1, 21
Positive Input
Positive Input
Positive Input
3
No connection
No connection
No connection
4
Case
Case
Case
5
No connection
No connection
Negative Aux. Output
6
No connection
No Connection
Output Common Main2
7
No connection
No connection
Output Common Aux.2
8
Output Common3
Output Common
Positive Aux. Output
9
Output Common3
No connection
+5 VDC Output
10
No connection
Positive Output
No connection
11
No connection
No connection
No connection
12
Positive Output3
Negative Output
No connection
13
Positive Output3
No connection
No connection
14
No connection
Ext. Capacitor
No connection
15
Inhibit
Inhibit
Inhibit
16
No connection
No connection
No connection
17, 181
Input Common
Input Common
Input Common
HR4
3 - 28
12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(1 = single, 2 = dual, 3 = triple)
(Auxiliary output on triple output models)
B4-54
HR40 SERIES
4 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
Pin Out Notes
1. Make external connection to both pins on all models.
Pins 1 and 2 positive input
Pins 17 and 18 input common
2. Pins 6 and 7 on triple output models are connected internally.
3. On the HR41-2805:
Make external connections to both output common pins (8 and 9).
Make external connections to both positive output pins (12 and 13).
Dot on top of cover
indicates pin one.
BOTTOM VIEW
HR40
12
9
10
17
18
See Section B8. case C2, for dimensions
FIGURE 3: PIN OUT
WARNING:EXTERNAL CAPACITORS REQUIRED
OPERATION WITHOUT EXTERNAL CAPACITORS WILL RESULT IN DAMAGE TO THE INTERNAL CIRCUITRY.
24021-009-DTS Rev A
DQ# 2012
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. HR40 Series is a trademark of Interpoint.
Copyright © 1994 - 1999 Interpoint. All rights reserved.


Similar Part No. - HR43-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR43-2812 INTERPOINT-HR43-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR43-2812 INTERPOINT-HR43-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR43-2812

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com