Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUM-40F Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # HUM-40F
Description  HOLD UP MODULE 28 VOLT INPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HUM-40F Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button HUM-40F Datasheet HTML 3Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 4Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 5Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 6Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 7Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 8Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 9Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 10Page - Crane Aerospace & Electronics. HUM-40F Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
B8-12
CASE F
CASES
Materials
Header Case F1
Cold Rolled Steel/Nickel/Gold
Cases F2 - F4
Cold Rolled Steel/Nickel/Tin
Cover
Case F1
Kovar/Nickel
Cases F2 - F4
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy (all cases)
MHV Series Triple – compression glass seal
MTR Series Triple, case F1 – ceramic seal
MTR Series Triple, case F2 – compression glass seal
HUM40 – compression glass seal or ceramic seal
Case F3 – compression glass seal
Case F4 – compression glass seal or ceramic seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE F
BOTTOM VIEW
See Figures 20 - 23 for pin configuration
1.350 max
(34.29)
1.950 max
(49.53)
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
10
9876
0.000
0.170
(4.32)
1.170
(29.72)
12345
0.040 dia.
(1.02)
MTR
Series
MHV
Series
Bathtub
Platform
MTR Series Triple and MHV Series Triple: Screening – Standard, ES, or 883
BOTTOM VIEW CASE F1
Seam Seal
Dot on top of case indicates pin one
FIGURE 20: CASE F1
FIGURE 19: CASE F MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.


Similar Part No. - HUM-40F

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
   HOLD UP MODULE 28 VOLT INPUT
More results

Similar Description - HUM-40F

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HUM-40 INTERPOINT-HUM-40 Datasheet
242Kb / 13P
   HOLD UP MODULE 28 VOLT INPUT
logo
Crane Aerospace & Elect...
LCM-120 CRANE-LCM-120 Datasheet
86Kb / 7P
   LINE CONDITIONING MODULE 28 VOLT INPUT
logo
XP Power Limited
MTH100 XPPOWER-MTH100_V01 Datasheet
524Kb / 2P
   Hold Up Module
16 Aug 2022
logo
Interpoint Corporation ...
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com