Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFCS28-461 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # SFCS28-461
Description  SFCS28-461 EMI Input Filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SFCS28-461 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  SFCS28-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 6Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 7Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 8Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
description
The SFCS-461TM Series EMI Filter modules are specifically
designed to reduce the reflected input ripple current of high
frequency DC/DC converters. SFCS28-461 filters minimize elec-
tromagnetic interference (EMI) for Interpoint’s space application
converters. These filters are intended for use in 28 volt applica-
tions which must meet MIL-STD-461 levels of conducted emis-
sions. One filter can be used with multiple converters up to the
rated throughput current of the filter.
Screening
The SFCS28-461 filter offers three screening options - Space
Prototype (O), Class H, or Class K. Radiation tolerant to
Radiation Hardness Assurance (RHA) levels of “-” (O) or “H”,
per MIL-STD-38534. Interpoint model numbers use an “O” in
the RHA designator position to indicate the “-” (dash) Radiation
Hardness Assurance level of MIL-PRF-38534, which is defined
as “no RHA”. See “Class H and K, MIL-PRF-38534 Screening”
tables for more information.
input ripple and eMi
Switching DC/DC converters naturally generate two noise
components on the power input line: differential noise and
common mode noise. Input ripple current refers to both of these
components.
Differential noise occurs between the positive input and input
common. Most Interpoint converters have an input filter that
reduces differential noise which is sufficient for most applications.
Common mode noise occurs across stray capacitance between
the converter’s power train components and the baseplate
(bottom of the package) of the converter.
Where low noise currents are required to meet CE03 of MIL-
STD-461C, a power line filter is needed. The SFCS28-461 Series
of EMI power line filters reduces the common mode and differ-
ential noise generated by the converters. SFCS28-461 filters
reduce input ripple current by at least 60 dB at 500 kHz, 1 MHz,
and 5 MHz when used in conjunction with Interpoint’s DC/DC
converters. The filter must be placed as close as possible to the
converter for optimum performance. the baseplates of the filter
and the converter should be connected with the shortest and
widest possible conductors. For the best connection, mount the
filter’s and converter’s baseplates on or above a small ground
plane.
OperatiOn and teMperature
All SFCS28-461 Series filters are rated for full power opera-
tion from -55˚C to +125˚C case temperature. Current is derated
linearly to zero at +135˚C case temperature.
inSertiOn lOSS
The maximum DC insertion loss at full load and nominal input
voltage represents a power loss of less than 4%.
packaging
SFCS28-461 filters are sealed in metal hermetic side-leaded
packages. For more information contact your Interpoint represen-
tative.
Features
• Fully qualified to Class H or K
• Passive components used for maximum tolerance
in space environments
• -55°C to +125°C operation
• Nominal 28 V input, 0 V to 50 V operation
• Up to 5 A throughput current
• 70 dB attenuation typical at 500KHz
• Compliant to MIL-STD-461C CE-03
• Compatible with MIL-STD-704 A-E 28 VDC power bus
Input Voltage
and
Current
Model
SFCS28-461
Current (A)
5
Crane Aerospace & Electronics Power Solutions
sFcs28-461 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 9
Rev B - 20070404
28 Volt input – 5 aMp


Similar Part No. - SFCS28-461

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405 COSEL-SFCS152405 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405B COSEL-SFCS152405B Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405C COSEL-SFCS152405C Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152412 COSEL-SFCS152412 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
More results

Similar Description - SFCS28-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461_07 Datasheet
498Kb / 10P
   STF28-461 EMI Input Filters
logo
Crane Aerospace & Elect...
STF28-461HH CRANE-STF28-461HH Datasheet
800Kb / 10P
   STF28-461 EMI Input Filters
SFMC28-461 CRANE-SFMC28-461 Datasheet
440Kb / 11P
   SFMC28-461 EMI Input Filters
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
logo
Vicor Corporation
QPI-9L VICOR-QPI-9L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com