Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLH2815SHR Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # SMFLH2815SHR
Description  SMFLHP Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFLH2815SHR Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button SMFLH2815SHR Datasheet HTML 2Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFLH2815SHR Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Notes
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45V but will be undamaged and will restart
when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at which Vout
is within 1% of final value.
4. Transition time >10 μs.
Electrical Characteristics: –55°C to +125°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
SMFLHP283R3S
SMFLHP2805S
SMFLHP2812S
SMFLHP2815S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
TC = 25°C
3.26
3.30
3.34
4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
VDC
OUTPUT CURRENT
VIN = 19 TO 40 VDC
0
16
0
16
0
7.5
0
6.67
A
OUTPUT POWER
VIN = 19 TO 40 VDC
0
53
0
80
0
90
0
100
W
OUTPUT RIPPLE
10 KHZ - 2 MHZ
TC = 25°C
10
25
20
40
15
50
30
90
30
85
45
150
30
95
45
175
mV p-p
TC = -55°C TO +125°C
LINE REGULATION
VIN = 19 TO 40 VDC
0
50
0
50
0
50
0
50
mV
LOAD REGULATION
NO LOAD TO FULL
0
20
0
20
0
20
0
20
mV
INPUT VOLTAGE
NO LOAD TO FULL
CONTINUOUS
19
28
40
50
19
28
40
50
19
28
40
50
19
28
40
50
VDC
V
TRANSIENT1, 2 50 ms
INPUT CURRENT
NO LOAD
70
120
9
15
35
80
70
120
9
15
35
80
80
120
9
15
35
80
80
120
9
15
35
80
mA
INHIBITED - INH1
INHIBITED - INH2
INPUT RIPPLE
CURRENT
10 KHZ - 10 MHZ
30
80
30
80
30
80
30
80
mA p-p
EFFICIENCY
TC = 25°C
70
72
77
80
81
86
82
87
%
LOAD FAULT
TC = 25°C
SHORT CIRCUIT
POWER DISSIPATION
15
22
1.5
10
15
20
1.5
4
15
20
1.5
4
15
20
1.5
4
W
ms
RECOVERY1
STEP LOAD
RESPONSE
50% - 100% - 50%
TRANSIENT
350
400
1.5
3.0
350
450
1.5
3.0
450
700
1.5
3.0
450
700
1.5
3.0
mV pk
ms
RECOVERY1, 3
STEP LINE
RESPONSE1
19 - 40 -19 VDC
TRANSIENT4
250
400
200
300
250
400
200
600
250
800
200
600
250
800
200
600
mV pk
μ s
RECOVERY3
START-UP
DELAY
3.5
10
0
50
3.5
10
0
25
3.5
10
0
50
3.5
10
0
50
ms
mV pk
OVERSHOOT1
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 6 of 13
Rev H - 20071221
SMFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT


Similar Part No. - SMFLH2815SHR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP INTERPOINT-SMFLHP Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
More results

Similar Description - SMFLH2815SHR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com