Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLH285SKR Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # SMFLH285SKR
Description  SMFLHP Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFLH285SKR Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button SMFLH285SKR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 10Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 11Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 12Page - Crane Aerospace & Electronics. SMFLH285SKR Datasheet HTML 13Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FIGURE 13
FIGURE 15
VIN
–Vout
+Vout
1ms/div
No Load
SMFLHP2815D Turn On Response
30
40
50
60
70
80
16
18
17
90
19
Output Power (Watts)
Low Line Dropout
100
SMFLHP2805S & 5D
SMFLHP2815S
& 15D
SMFLHP2812S & 12D
0
30
40
50
60
– 8
– 6
– 4
– 2
2
4
6
8
SMFLHP2812D
SMFLHP2805D
70
SMFLHP2815D
Output Load (%)
+Pout 70 to 30 %, –Pout 30 to 70%
Cross Regulation
FIGURE 14
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 16
Vin Rise-time (
µs)
10
600
700
400
500
200
300
0
100
1000
10000
100
-55°C
125°C
100°C
25°C
SMFLHP2815D Line Transient Response
vs. Vin Rise-time
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 9 of 13
Rev H - 20071221
SMFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT


Similar Part No. - SMFLH285SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP INTERPOINT-SMFLHP Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
More results

Similar Description - SMFLH285SKR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com