Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2509 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC2509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2509 Datasheet(HTML) 7 Page - Texas Instruments

  CDC2509 Datasheet HTML 1Page - Texas Instruments CDC2509 Datasheet HTML 2Page - Texas Instruments CDC2509 Datasheet HTML 3Page - Texas Instruments CDC2509 Datasheet HTML 4Page - Texas Instruments CDC2509 Datasheet HTML 5Page - Texas Instruments CDC2509 Datasheet HTML 6Page - Texas Instruments CDC2509 Datasheet HTML 7Page - Texas Instruments CDC2509 Datasheet HTML 8Page - Texas Instruments CDC2509 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CDC2509
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS580A – OCTOBER 1996 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
35
–0.3
–0.5
–0.7
–0.9
45
55
65
95
105
fclk – Clock Frequency – MHz
85
–0.2
–0.4
–0.6
–0.8
75
115 125
VDD = 3.3 V
TA = 25°C
–0.1
0
25
Figure 4
VDD = 3.3 V
CL = 30 pF
OUTPUT DUTY CYCLE
vs
CLOCK FREQUENCY
57%
53%
51%
47%
43%
55%
49%
45%
40
50
60
70
100 110
fclk – Clock Frequency – MHz
90
80
120 130
30
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
35
6
4
2
0
45
55
65
95
105
fclk – Clock Frequency – MHz
85
7
5
3
1
75
115 125
VDD = 3.3 V
TA = 25°C
8
9
25
Figure 5


Similar Part No. - CDC2509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI1-CDC2509 Datasheet
620Kb / 13P
[Old version datasheet]   3-3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509A TI-CDC2509A Datasheet
268Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509APWR TI-CDC2509APWR Datasheet
268Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509APWR TI1-CDC2509APWR Datasheet
620Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509APWRG4 TI1-CDC2509APWRG4 Datasheet
620Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com