Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2509CPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2509CPW
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2509CPW Datasheet(HTML) 5 Page - Texas Instruments

  CDC2509CPW Datasheet HTML 1Page - Texas Instruments CDC2509CPW Datasheet HTML 2Page - Texas Instruments CDC2509CPW Datasheet HTML 3Page - Texas Instruments CDC2509CPW Datasheet HTML 4Page - Texas Instruments CDC2509CPW Datasheet HTML 5Page - Texas Instruments CDC2509CPW Datasheet HTML 6Page - Texas Instruments CDC2509CPW Datasheet HTML 7Page - Texas Instruments CDC2509CPW Datasheet HTML 8Page - Texas Instruments CDC2509CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC2509C
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS620 – DECEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, AVCC
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
3 V
–1.2
V
IOH = –100 µA
MIN to MAX
VCC–0.2
VOH
High-level output voltage
IOH = –12 mA
3 V
2.1
V
IOH = – 6 mA
3 V
2.4
IOL = 100 µA
MIN to MAX
0.2
VOL
Low-level output voltage
IOL = 12 mA
3 V
0.8
V
IOL = 6 mA
3 V
0.55
VO = 1 V
3.135 V
–32
IOH
High-level output current
VO = 1.65 V
3.3 V
–36
mA
VO = 3.135 V
3.465 V
–12
VO = 1.95 V
3.135 V
34
IOL
Low-level output current
VO = 1.65 V
3.3 V
40
mA
VO = 0.4 V
3.465 V
14
II
Input current
VI = VCC or GND
3.6 V
±5
µA
ICC§
Supply current
VI = VCC or GND,
Outputs: low or high
IO = 0,
3.6 V
10
µA
∆ICC
Change in supply current
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3.3 V to 3.6 V
500
µA
Ci
Input capacitance
VI = VCC or GND
3.3 V
4
pF
Co
Output capacitance
VO = VCC or GND
3.3 V
6
pF
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ For ICC of AVCC, and ICC vs Frequency (see Figures 11 and 12).
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Note 6 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)/CONDITION
TO
(OUTPUT)
VCC, AVCC = 3.3 V
± 0.165 V
UNIT
(INPUT)/CONDITION
(OUTPUT)
MIN
TYP
MAX
Phase error time – static (normalized)
(See Figures 3 – 8)
CLKIN
↑ = 66 MHz to100 MHz
FBIN
–150
150
ps
tsk(o)
Output skew time§
Any Y or FBOUT
Any Y or FBOUT
200
ps
Phase error time – jitter (see Note 7)
Any Y or FBOUT
–50
50
Jitter(cycle-cycle)
(See Figures 9 and 10)
Clkin = 66 MHz to 100 MHz
Any Y or FBOUT
|100|
ps
Duty cycle
F(clkin > 60 MHz)
Any Y or FBOUT
45%
55%
tr
Rise time (See Notes 8 and 9)
VO = 1.2 V to 1.8 V,
IBIS simulation
Any Y or FBOUT
2.5
1
V/ns
tf
Fall time (See Notes 8 and 9)
VO = 1.2 V to 1.8 V,
IBIS simulation
Any Y or FBOUT
2.5
1
V/ns
‡ These parameters are not production tested.
§ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
6. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
7. Calculated per PC DRAM SPEC (tphase error, static – jitter(cycle-to-cycle)).
8. This is equivalent to 0.8 ns/2.5 ns and 0.8 ns/2.7 ns into standard 500
Ω/ 30 pf load for output swing of 04. V to 2 V.
9. 64 MB DIMM configuration according to PC SDRAM Registered DIMM Design Support Document, Figure 20 and Table 13.
Intel is a trademark of Intel Corporation.
PC SDRAM Register DIMM Design Support Document is published by Intel Corporation.


Similar Part No. - CDC2509CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509CPW TI1-CDC2509CPW Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWG4 TI1-CDC2509CPWG4 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWR TI1-CDC2509CPWR Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509CPWRG4 TI1-CDC2509CPWRG4 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2509CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com