Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2510B Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC2510B
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2510B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC2510B Datasheet HTML 2Page - Texas Instruments CDC2510B Datasheet HTML 3Page - Texas Instruments CDC2510B Datasheet HTML 4Page - Texas Instruments CDC2510B Datasheet HTML 5Page - Texas Instruments CDC2510B Datasheet HTML 6Page - Texas Instruments CDC2510B Datasheet HTML 7Page - Texas Instruments CDC2510B Datasheet HTML 8Page - Texas Instruments CDC2510B Datasheet HTML 9Page - Texas Instruments CDC2510B Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CDC2510B
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS612 – SEPTEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
0
5
10
15
20
25
30
35
40
45
50
VCC = 3.3 V
fc = 100 MHz
CLY = 30pF
TA = 25°C
Phase Error Measured
from CLK to Y
CLF – Lumped Feedback Capacitance at FBIN – pF
20
0
–10
–20
–30
10
40
50
–40
–50
30
100
0
–50
–100
–150
50
200
250
–200
–250
150
Phase Error
Phase Adjustment Slope
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
300
200
100
–100
35
45
55
65
75
85
95
105
115
125
0
400
VCC = 3.3 V
CLY = CLF = 30 pF
TA = 25°C
Phase Error Measured
from CLK to FBIN
fc – Clock Frequency – MHz
Figure 4
NOTES: A. CLY = Lumped capacitive load at Y
B. CLF = Lumped feedback capacitance at FBIN


Similar Part No. - CDC2510B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510B TI1-CDC2510B Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510BPWR TI1-CDC2510BPWR Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510BPWRG4 TI1-CDC2510BPWRG4 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - CDC2510B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com