Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2510BPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC2510BPWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2510BPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC2510BPWR Datasheet HTML 2Page - Texas Instruments CDC2510BPWR Datasheet HTML 3Page - Texas Instruments CDC2510BPWR Datasheet HTML 4Page - Texas Instruments CDC2510BPWR Datasheet HTML 5Page - Texas Instruments CDC2510BPWR Datasheet HTML 6Page - Texas Instruments CDC2510BPWR Datasheet HTML 7Page - Texas Instruments CDC2510BPWR Datasheet HTML 8Page - Texas Instruments CDC2510BPWR Datasheet HTML 9Page - Texas Instruments CDC2510BPWR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CDC2510B
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS612 – SEPTEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040064 / E 08/96
14 PIN SHOWN
Seating Plane
0,05 MIN
1,20 MAX
1
A
7
14
0,19
4,50
4,30
8
6,20
6,60
0,30
0,75
0,50
0,25
Gage Plane
0,15 NOM
0,65
M
0,10
0
°–8°
0,10
PINS **
A MIN
A MAX
DIM
2,90
3,10
8
4,90
5,10
14
6,60
6,40
4,90
5,10
16
7,70
20
7,90
24
9,60
9,80
28
NOTES: C. All linear dimensions are in millimeters.
D. This drawing is subject to change without notice.
E. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
F. Falls within JEDEC MO-153


Similar Part No. - CDC2510BPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510BPWR TI1-CDC2510BPWR Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510BPWRG4 TI1-CDC2510BPWRG4 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - CDC2510BPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com