Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2586 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC2586
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2586 Datasheet(HTML) 3 Page - Texas Instruments

  CDC2586 Datasheet HTML 1Page - Texas Instruments CDC2586 Datasheet HTML 2Page - Texas Instruments CDC2586 Datasheet HTML 3Page - Texas Instruments CDC2586 Datasheet HTML 4Page - Texas Instruments CDC2586 Datasheet HTML 5Page - Texas Instruments CDC2586 Datasheet HTML 6Page - Texas Instruments CDC2586 Datasheet HTML 7Page - Texas Instruments CDC2586 Datasheet HTML 8Page - Texas Instruments CDC2586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDC2586
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS337C – FEBRUARY 1993 – REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
output configuration A
Output configuration A is valid when any output configured as a 1
frequency output in Table 1 is fed back to
FBIN. The input frequency range for CLKIN is 50 MHz to 100 MHz when using output configuration A. Outputs
configured as 1/2
outputs operate at half the CLKIN frequency, while outputs configured as 1
outputs
operate at the same frequency as CLKIN.
Table 1. Output Configuration A
INPUTS
OUTPUTS
SEL1
SEL0
1/2
FREQUENCY
1
FREQUENCY
L
L
None
All
L
H
1Yn
2Yn, 3Yn, 4Yn
H
L
1Yn, 2Yn
3Yn, 4Yn
H
H
1Yn, 2Yn, 3Yn
4Yn
NOTE: n = 1, 2, 3
output configuration B
Output configuration B is valid when any output configured as a 1
frequency output in Table 2 is fed back to
FBIN. The input frequency range for CLKIN is 25 MHz to 50 MHz when using output configuration B. Outputs
configured as 1
outputs operate at the CLKIN frequency, while outputs configured as 2
outputs operate at
double the frequency of CLKIN.
Table 2. Output Configuration B
INPUTS
OUTPUTS
SEL1
SEL0
1
FREQUENCY
2
FREQUENCY
L
L
All
None
L
H
1Yn
2Yn, 3Yn, 4Yn
H
L
1Yn, 2Yn
3Yn, 4Yn
H
H
1Yn, 2Yn, 3Yn
4Yn
NOTE: n = 1, 2, 3


Similar Part No. - CDC2586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2586 TI1-CDC2586 Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAH TI1-CDC2586PAH Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHG4 TI1-CDC2586PAHG4 Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHR TI1-CDC2586PAHR Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHRG4 TI1-CDC2586PAHRG4 Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com