Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319DB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDC319DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC319DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC319DB Datasheet HTML 2Page - Texas Instruments CDC319DB Datasheet HTML 3Page - Texas Instruments CDC319DB Datasheet HTML 4Page - Texas Instruments CDC319DB Datasheet HTML 5Page - Texas Instruments CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments CDC319DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590 – DECEMBER 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions
PARAMETER
FROM
TO
TEST CONDITIONS
MIN
MAX
UNIT
A
Y
1.2
3.6
ns
tPLH
Low-to-high level propagation delay time
SCLOCK
SDATA
valid
VCC = 3.3 V ±0.185 V,
See Figure 3
2
µs
tPLH
Low-to-high level propagation delay time
SDATA
Y
VCC = 3.3 V ±0.185 V,
See Figure 3
150
ns
A
Y
1.2
3.6
ns
tPHL
High-to-low level propagation delay time
SCLOCK
SDATA
valid
VCC = 3.3 V ±0.185 V,
See Figure 3
2
µs
tPHL
High-to-low level propagation delay time
SDATA
Y
VCC = 3.3 V ±0.185 V,
See Figure 3
150
ns
tPZH
Enable time to the high level
OE
Y
1
4.7
ns
tPZL
Enable time to the low level
OE
Y
1
4.7
ns
tPHZ
Disable time from the high level
OE
Y
1
4.7
ns
tPLZ
Disable time from the low level
OE
Y
1
4.7
ns
tsk(o)
Skew time
A
Y
250
ps
tsk(p)
Skew time
A
Y
500
ps
tsk(pr)
Skew time
A
Y
1
ns
tr
Rise time
Y
0.5
1.3
ns
t
Rise time (see Note 4 and
SDATA
CL = 10 pF
6
ns
tr
(
Figure 3)
SDATA
CL = 400 pF
250
ns
tf
Fall time
Y
0.5
1.3
ns
tf
Fall time (see Note 4 and
SDATA
CL = 10 pF
20
ns
tf
(
Figure 3)
SDATA
CL = 400 pF
250
ns
NOTE 4: This parameter has a lower limit than BUS specification. This allows use of series resistors for current spike protection.


Similar Part No. - CDC319DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC319DB TI1-CDC319DB Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC319DBG4 TI1-CDC319DBG4 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC319DBR TI1-CDC319DBR Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC319DBRG4 TI1-CDC319DBRG4 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
More results

Similar Description - CDC319DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC318 TI-CDC318 Datasheet
198Kb / 13P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318A TI-CDC318A Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com