Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3144 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC3144
Description  Silicon NPN Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3144 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC3144 Datasheet HTML 1Page - Savantic, Inc. 2SC3144 Datasheet HTML 2Page - Savantic, Inc. 2SC3144 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
2SC3144
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=50mA ;RBE=:
60
V
V(BR)CBO
Collector-base breakdown voltage
IC=5mA ;IE=0
70
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=1.5A ,IB=3mA
0.9
1.5
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=1.5A ,IB=3mA
2.0
V
ICBO
Collector cut-off current
VCB=40V, IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
3.0
mA
hFE
DC current gain
IC=1.5A ; VCE=2V
2000
fT
Transition frequency
IC=1.5A ; VCE=5V
200
MHz
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
1.2
µs
tf
Fall time
IC=1A ;IB1=-IB2=2m A
RL=20D,VCC=20V
0.2
µs


Similar Part No. - 2SC3144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3144 SANYO-2SC3144 Datasheet
106Kb / 3P
   60V/3A for High-Speed Drivers Applications
logo
Inchange Semiconductor ...
2SC3144 ISC-2SC3144 Datasheet
58Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
New Jersey Semi-Conduct...
2SC3144 NJSEMI-2SC3144 Datasheet
134Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SC3144

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com