Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1893 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2SD1893
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1893 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SD1893 Datasheet HTML 1Page - Savantic, Inc. 2SD1893 Datasheet HTML 2Page - Savantic, Inc. 2SD1893 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1893
DESCRIPTION
·With TO-3PFa package
·High DC current gain
·Low collector saturation voltage
·Complement to type 2SB1253
APPLICATIONS
·Power amplification
·Optimum for 40W high-fidelity output
applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
130
V
VCEO
Collector-emitter voltage
Open base
110
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
6
A
ICM
Collector current-peak
10
A
TC=25
50
PC
Collector power dissipation
3
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Similar Part No. - 2SD1893

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1893 PANASONIC-2SD1893 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SD1893 PANASONIC-2SD1893 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Inchange Semiconductor ...
2SD1893 ISC-2SD1893 Datasheet
142Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1893 SAVANTIC-2SD1893 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1893

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com