Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC925DL Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC925DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC925DL Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC925DL Datasheet HTML 6Page - Texas Instruments CDC925DL Datasheet HTML 7Page - Texas Instruments CDC925DL Datasheet HTML 8Page - Texas Instruments CDC925DL Datasheet HTML 9Page - Texas Instruments CDC925DL Datasheet HTML 10Page - Texas Instruments CDC925DL Datasheet HTML 11Page - Texas Instruments CDC925DL Datasheet HTML 12Page - Texas Instruments CDC925DL Datasheet HTML 13Page - Texas Instruments CDC925DL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = 2.375 V to 2.625 V, TA = 0°C to 85°C (continued)
CPUx
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU clock period†
f(CPU) = 100 MHz
10
10.04
10.2
ns
tc
CPU clock period†
f(CPU) = 133 MHz
7.5
7.53
7.7
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(o) CPU bus skew
CPUx
CPUx
f(CPU) = 100 or 133MHz
50
175
ps
tsk(p) CPU pulse skew
CPUn
CPUn
f(CPU) = 100 or 133MHz
2.2
ns
t(off)
CPU clock to APIC clock offset, rising edge
1.5
2.8
4
ns
t(off)
CPU clock to 3V66 clock offset, rising edge
0
0.75
1.5
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
2.6
4.3
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
1.4
3.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
2.8
4.3
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
1.7
4
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.5
2.2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.
CPU_DIV2x
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPU_DIV2x
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPU_DIV2x
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU DIV2 clock period†
f(CPU) = 100 MHz
20
20.08
20.4
ns
tc
CPU_DIV2 clock period†
f(CPU) = 133 MHz
15
15.06
15.3
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(o) CPU_DIV2 bus skew
CPU_DIV2x
CPU_DIV2x
f(CPU) = 100 or 133MHz
50
175
ps
tsk(p) CPU_DIV2 pulse skew
CPU_DIV2n
CPU_DIV2n
f(CPU) = 100 or 133MHz
1.6
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
7.1
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
4.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
7.3
8.9
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
5
6.6
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.3
1.8
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.


Similar Part No. - CDC925DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC925DL TI1-CDC925DL Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
CDC925DLG4 TI1-CDC925DLG4 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
More results

Similar Description - CDC925DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921 TI-CDC921 Datasheet
235Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC930 TI-CDC930 Datasheet
363Kb / 17P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC950 TI-CDC950 Datasheet
262Kb / 16P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com