Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF2509PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF2509PWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF2509PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCF2509PWR Datasheet HTML 3Page - Texas Instruments CDCF2509PWR Datasheet HTML 4Page - Texas Instruments CDCF2509PWR Datasheet HTML 5Page - Texas Instruments CDCF2509PWR Datasheet HTML 6Page - Texas Instruments CDCF2509PWR Datasheet HTML 7Page - Texas Instruments CDCF2509PWR Datasheet HTML 8Page - Texas Instruments CDCF2509PWR Datasheet HTML 9Page - Texas Instruments CDCF2509PWR Datasheet HTML 10Page - Texas Instruments CDCF2509PWR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CDCF2509
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS624A – APRIL 1999 REVISED MAY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
C(LF) – Lumped Feedback Capacitance at FBIN – pF
10
0
–10
–20
20
–30
–40
100
0
–300
200
–400
Phase Error
Phase Adjustment Slope
–100
–200
VCC = 3.3 V
fc = 133 MHz
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Notes A and B
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
Figure 3
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω Phase error measured from CLK to Y
B. C(LF) = Lumped feedback capacitance at FBIN
Figure 4
PHASE ERROR
vs
CLOCK FREQUENCY
50
60
70
80
90
100 110
120
fc – Clock Frequency – MHz
–100
–150
–250
–300
–350
–400
–200
–50
0
–450
–500
VCC = 3.3 V
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Note A
130
140
Figure 5
PHASE ERROR
vs
SUPPLY VOLTAGE
–100
–150
–250
–300
–350
–400
–200
3.1
3.2
3.3
3.4
3.5
–50
0
–450
–500
VCC – Supply Voltage – V
3.6
3
fc = 133 MHz
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Note A
NOTE A: Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω


Similar Part No. - CDCF2509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509PWR TI1-CDCF2509PWR Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2509PWR TI1-CDCF2509PWR Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509PWRG4 TI1-CDCF2509PWRG4 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2509PWRG4 TI1-CDCF2509PWRG4 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCF2509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com