Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCR61APW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCR61APW
Description  DIRECT RAMBUSE CLOCK GENERATOR- LITE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCR61APW Datasheet(HTML) 4 Page - Texas Instruments

  CDCR61APW Datasheet HTML 1Page - Texas Instruments CDCR61APW Datasheet HTML 2Page - Texas Instruments CDCR61APW Datasheet HTML 3Page - Texas Instruments CDCR61APW Datasheet HTML 4Page - Texas Instruments CDCR61APW Datasheet HTML 5Page - Texas Instruments CDCR61APW Datasheet HTML 6Page - Texas Instruments CDCR61APW Datasheet HTML 7Page - Texas Instruments CDCR61APW Datasheet HTML 8Page - Texas Instruments CDCR61APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDCR61A
DIRECT RAMBUS
™ CLOCK GENERATOR – LITE
SCAS626 – FEBRUARY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(X)
Differential crossing-point output voltage
See Figures 1 and 7
1.25
1.85
V
VO(PP)
Peak-to-peak output voltage swing,
single ended
VOH – VOL,
See Figure 1
0.4
0.7
V
VIK
Input clamp voltage
VDD = 3 V,
II = –18 mA
–1.2
V
RI
Input resistance
XIN, XOUT
VDD = 3.3 V,
VI = VO
>50
k
XOUT
VDD = 3.3 V,
VO = 2 V
27
mA
IIH
High-level input current
S0
VDD = 3.6 V,
VI = VDD
10
µA
S1, S2
VDD = 3.6 V,
VI = VDD
10
µA
XOUT
VDD = 3.3 V,
VO = 0 V
–5.7
mA
IIL
Low-level input current
S0
VDD = 3.6 V,
VI = 0 V
–30
–100
µA
S1, S2
VDD = 3.6 V,
VI = 0 V
–10
–50
µA
See Figure 1
2.1
VOH
High level output voltage
CLK, CLKB
VDD = min to max,
IOH = –1 mA
VDD–
0.1 V
V
VOH
High-level output voltage
VDD = 3 V,
IOH = –16 mA
2.2
V
LCLK
VDDL = min to max,
IOH = – 10 mA
VDDL –
0.45 V
VDDL
See Figure 1
1
VOL
Low level output voltage
CLK, CLKB
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3 V,
IOL = 16 mA
0.5
V
LCLK
VDDL = min to max,
IOL = 10 mA
0
0.45
VDD = 3.135 V,
VO = 1 V
–32
–52
CLK, CLKB
VDD = 3.3 V,
VO = 1.65 V
–51
IOH
High level output current
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
mA
IOH
High-level output current
VDDL = 1.7 V,
VO = 0.5 V
–11
–26
mA
LCLK
VDDL = 1.8 V,
VO = 0.9 V
–28
VDDL = 2.1 V,
VO = 1.6 V
–24.5
–35
VDD = 3.135 V,
VO = 1.95 V
43
61.5
CLK, CLKB
VDD = 3.3 V,
VO = 1.65 V
65
IOL
Low level output current
VDD = 3.465 V,
VO = 0.4 V
25.5
36
mA
IOL
Low-level output current
VDDL = 1.7 V,
VO = 1.2 V
11
27
mA
LCLK
VDDL = 1.8 V,
VO = 0.9 V
30
VDDL = 2.1 V,
VO = 0.5 V
28
38
rOH
High-level dynamic output resistance§
∆IO – 14.5 mA to ∆IO – 16.5 mA
12
25
40
rOL
Low-level dynamic output resistance§
∆IO + 14.5 mA to ∆IO + 16.5 mA
12
17
40
CO
Output capacitance
CLK, CLKB
3
pF
CO
Output capacitance
LCLK
3
pF
† VDD refers to any of the following; VDD, VDDL, and VDDP
‡ All typical values are at VDD = 3.3 V, VDDL = 1.8 V, TA = 25°C.
§ rO = ∆VO/∆IO. This is defined at the output terminals, not at the measurement point of Figure 1.


Similar Part No. - CDCR61APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR61APW TI1-CDCR61APW Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWG4 TI1-CDCR61APWG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWR TI1-CDCR61APWR Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWRG4 TI1-CDCR61APWRG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
More results

Similar Description - CDCR61APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR81 TI-CDCR81 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com