Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCR61APW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCR61APW
Description  DIRECT RAMBUSE CLOCK GENERATOR- LITE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCR61APW Datasheet(HTML) 2 Page - Texas Instruments

  CDCR61APW Datasheet HTML 1Page - Texas Instruments CDCR61APW Datasheet HTML 2Page - Texas Instruments CDCR61APW Datasheet HTML 3Page - Texas Instruments CDCR61APW Datasheet HTML 4Page - Texas Instruments CDCR61APW Datasheet HTML 5Page - Texas Instruments CDCR61APW Datasheet HTML 6Page - Texas Instruments CDCR61APW Datasheet HTML 7Page - Texas Instruments CDCR61APW Datasheet HTML 8Page - Texas Instruments CDCR61APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDCR61A
DIRECT RAMBUS
™ CLOCK GENERATOR – LITE
SCAS626 – FEBRUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK
13
O
Output clock, connect to Rambus channel
CLKB
12
O
Output clock (complement), connect to Rambus channel
GNDP, GNDL,
GND
2, 7,
11, 14
Ground
LCLK
6
O
LVCMOS output, 1/2 of crystal frequency
S0, S1, S2
16, 8, 9
I
LVTTL level logic select terminal for function selection
VDD
10, 15
Power supply, 3.3 V
VDDP
1
Power supply for PLL, 3.3 V (0 V for Test mode)
VDDL
5
Power supply for LCLK, 1.8 V
XIN
4
I
Reference crystal input
XOUT
3
O
Reference crystal feedback
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VDD or VDDP (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VDDL (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI, at any input terminal
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any output terminal (CLK, CLKB)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any output terminal (LCLK)
–0.5 V to VDDL + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
ESD rating (MIL-STD 883C, Method 3015)
> 2 kV, Machine Model >200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
see Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 85°C
POWER RATING
PW
1400 mW
11 mW/
°C
740 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with
no air flow.


Similar Part No. - CDCR61APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR61APW TI1-CDCR61APW Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWG4 TI1-CDCR61APWG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWR TI1-CDCR61APWR Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWRG4 TI1-CDCR61APWRG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
More results

Similar Description - CDCR61APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR81 TI-CDCR81 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com