Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1415 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1415
Description  Converter Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1415 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1415 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 of 1
1/5/01
T-1415
1
8
5
4
2
7
Schematic Diagram
Physical Dimensions
inches (mm)
.140
(3.56)
TYP.
.800
(19.69)
MAX.
.515
(13.08)
.660
(16.76)
MAX.
.670
(17.01)
MAX.
Note: 150" Spacing Only
Between Pins 1 & 2
.780
(17.01)
MAX.
.680
(17.27)
NOM.
12
4
5
7
8
.200
(5.08)
.150
(3.81)
.400
(10.16)
PARAMETER
Min.
Max.
Units
Inductance (1)
Pins 1 - 8
562
691
µH
DC Resistance
Pins 1 - 8
0.595
ohms
Pins 2 - 7
0.135
ohms
Pins 5 - 4
0.010
ohms
Dielectric Rating Pins 1 to 5
1500
V
RMS
Operating Temperature Range
-40
+85
OC
Output
5.0
VDC
Output Current
3.0
Amps
Input
92-276
Vac
1. Tested at 100 kHz and 100 mV
Converter Transformer
Designed for use with Motorola MC33363A
Primary = 1-8
Secondary = 5-4
Auxiliary = 2-7
.050" Grid
5
7
1
24
8
.515
+ .010
(17.78
+ .25)


Similar Part No. - T-1415

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14150 RHOMBUS-IND-T-14150 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
T-14151 RHOMBUS-IND-T-14151 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
T-14152 RHOMBUS-IND-T-14152 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
T-14153 RHOMBUS-IND-T-14153 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
T-14154 RHOMBUS-IND-T-14154 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
More results

Similar Description - T-1415

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1155 RHOMBUS-IND-T-1155 Datasheet
21Kb / 1P
   Converter Transformer
logo
Coilcraft lnc.
GA3291 COILCRAFT-GA3291_13 Datasheet
120Kb / 1P
   Forward Converter Transformer
GA3291-AL COILCRAFT-GA3291-AL Datasheet
165Kb / 1P
   Forward Converter Transformer
logo
API Technologies Corp
TEP5606 APITECH-TEP5606 Datasheet
368Kb / 1P
   DC/DC Converter Transformer
TEP5844 APITECH-TEP5844 Datasheet
421Kb / 1P
   DC/DC Converter Transformer
logo
Sumida Corporation
CEEH99 SUMIDA-CEEH99 Datasheet
85Kb / 1P
   DC-DC Converter Transformer
logo
Rhombus Industries Inc.
T-1065 RHOMBUS-IND-T-1065 Datasheet
44Kb / 1P
   DC/DC Converter Transformer
logo
Pulse A Technitrol Comp...
PE-68283 PULSE-PE-68283 Datasheet
82Kb / 1P
   DC/DC CONVERTER TRANSFORMER
logo
ETAL Group
P2480 ETAL-P2480 Datasheet
96Kb / 3P
   DC-DC Converter Transformer
logo
Sumida Corporation
CEEH159 SUMIDA-CEEH159 Datasheet
190Kb / 1P
   DC-DC Converter Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com