Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3420 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2SC3420
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3420 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SC3420 Datasheet HTML 1Page - Savantic, Inc. 2SC3420 Datasheet HTML 2Page - Savantic, Inc. 2SC3420 Datasheet HTML 3Page - Savantic, Inc. 2SC3420 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3420
DESCRIPTION
·With TO-126 package
·High DC current gain
·Low saturation voltage
·High collector power dissipation
APPLICATIONS
·Storobo flash applications
·Medium power amplifier applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
50
V
VCEO
Collector- emitter voltage
Open base
20
V
VEBO
Emitter-base voltage
Open collector
8
V
IC
Collector current
5
A
ICM
Collector current-peak
8
A
IB
Base current
1
A
Ta=25
1.5
PC
Collector power dissipation
TC=25
10
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55 +150


Similar Part No. - 2SC3420

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3420 TOSHIBA-2SC3420 Datasheet
152Kb / 2P
   NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SC3420 TEL-2SC3420 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SC3420 TOSHIBA-2SC3420 Datasheet
124Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
logo
Quanzhou Jinmei Electro...
2SC3420 JMNIC-2SC3420 Datasheet
201Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3420 ISC-2SC3420 Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3420

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com