Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162373 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT162373
Description  16-Bit Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162373 Datasheet(HTML) 4 Page - Texas Instruments

  74FCT162373 Datasheet HTML 1Page - Texas Instruments 74FCT162373 Datasheet HTML 2Page - Texas Instruments 74FCT162373 Datasheet HTML 3Page - Texas Instruments 74FCT162373 Datasheet HTML 4Page - Texas Instruments 74FCT162373 Datasheet HTML 5Page - Texas Instruments 74FCT162373 Datasheet HTML 6Page - Texas Instruments 74FCT162373 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY74FCT16373T
CY74FCT162373T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16373AT
CY74FCT162373AT
Parameter
Description
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay D to O
1.5
5.2
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
6.7
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
6.1
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.5
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
ns
9
tH
Hold Time HIGH or LOW, D to LE
1.5
ns
9
tW
LE Pulse Width HIGH
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
CY74FCT16373CT
CY74FCT162373CT
CY74FCT16373ET
CY74FCT162373ET
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay
D to O
1.5
4.2
1.5
3.4
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
5.5
2.0
3.7
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.5
1.5
4.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.0
1.5
3.6
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
1.0
ns
9
tH
Hold Time HIGH or LOW,
D to LE
1.5
1.0
ns
9
tW
LE Pulse Width HIGH
3.3
3.0
ns
5
tSK(O)
Output Skew[14]
0.5
0.5
ns
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.


Similar Part No. - 74FCT162373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT1623734TPAG RENESAS-74FCT1623734TPAG Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
74FCT1623734TPVG RENESAS-74FCT1623734TPVG Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Texas Instruments
74FCT162373ATPACT TI1-74FCT162373ATPACT Datasheet
697Kb / 13P
[Old version datasheet]   16-Bit Latches
logo
Renesas Technology Corp
74FCT162373ATPAG RENESAS-74FCT162373ATPAG Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
74FCT162373ATPAG8 RENESAS-74FCT162373ATPAG8 Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
More results

Similar Description - 74FCT162373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16373T TI1-CY74FCT16373T_15 Datasheet
697Kb / 13P
[Old version datasheet]   16-Bit Latches
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
logo
Maxwell Technologies
54LVTH162373 MAXWELL-54LVTH162373 Datasheet
205Kb / 10P
   3.3V 16-Bit Transparent D-Type Latches
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
   16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT16841T TI1-CY74FCT16841T_15 Datasheet
1Mb / 20P
[Old version datasheet]   20-Bit Latches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com