Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162H952ETPACT Datasheet(PDF) 5 Page - Texas Instruments

Part # 74FCT162H952ETPACT
Description  16-Bit Registered Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162H952ETPACT Datasheet(HTML) 5 Page - Texas Instruments

  74FCT162H952ETPACT Datasheet HTML 1Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 2Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 3Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 4Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 5Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 6Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 7Page - Texas Instruments 74FCT162H952ETPACT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16952T
CY74FCT162952T
CY74FCT162H952T
5
Switching Characteristics Over the Operating Range[17]
CY74FCT16952AT
CY74FCT162952AT
CY74FCT162H952AT
CY74FCT162952BT
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Fig. No.[18]
tPLH
tPHL
Propagation Delay
CLKAB, CLKBA to B, A
2.0
10.0
2.0
7.5
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA, OEAB to A, B
1.5
10.5
1.5
8.0
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA, OEAB to A, B
1.5
10.0
1.5
7.5
ns
1, 7, 8
tSU
Set-Up Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.5
2.5
ns
4
tH
Hold Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.0
1.5
ns
4
tSU
Set-Up Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
3.0
3.0
ns
4
tH
Hold Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
2.0
2.0
ns
4
tW
Pulse Width HIGH or LOW
CLKAB or CLKBA[19]
3.0
3.0
ns
5
tSK(O)
Output Skew[20]
0.5
0.5
ns
CY74FCT16952CT
CY74FCT162H952CT
CY74FCT16952ET
CY74FCT162952ET
CY74FCT162H952ET
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Fig. No.[18]
tPLH
tPHL
Propagation Delay
CLKAB, CLKBA to B, A
2.0
6.3
1.5
3.7
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA, OEAB to A, B
1.5
7.0
1.5
4.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA, OEAB to A, B
1.5
6.5
1.5
3.6
ns
1, 7, 8
tSU
Set-Up Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.5
1.5
ns
4
tH
Hold Time, HIGH or LOW
A, B to CLKAB, CLKBA
1.5
0
ns
4
tSU
Set-Up Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
3.0
2.0
ns
4
tH
Hold Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
2.0
0
ns
4
tW
Pulse Width HIGH or LOW
CLKAB or CLKBA[19]
3.0
3.0
ns
5
tSK(O)
Output Skew[20]
0.5
0.5
ns
Notes:
17. Minimum limits are specified but not tested on Propagation Delays.
18. See “Parameter Measurement Information” in the General Information section.
19. This parameter is specified but not tested.
20. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.


Similar Part No. - 74FCT162H952ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162H952ETPACT TI1-74FCT162H952ETPACT Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT162H952ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com