Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF411ID Datasheet(PDF) 3 Page - Texas Instruments

Part # LF411ID
Description  JFET-INPUT OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF411ID Datasheet(HTML) 3 Page - Texas Instruments

  LF411ID Datasheet HTML 1Page - Texas Instruments LF411ID Datasheet HTML 2Page - Texas Instruments LF411ID Datasheet HTML 3Page - Texas Instruments LF411ID Datasheet HTML 4Page - Texas Instruments LF411ID Datasheet HTML 5Page - Texas Instruments LF411ID Datasheet HTML 6Page - Texas Instruments LF411ID Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LF411
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS011C – MARCH 1987 – REVISED OCTOBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate
8
13
V/
µs
B1
Unity-gain bandwidth
2.7
3
MHz
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
18
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.01
pA/
√Hz


Similar Part No. - LF411ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411ID TI1-LF411ID Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411IDR TI1-LF411IDR Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - LF411ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com