Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140-90004 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # 140-90004
Description  RIXSON FIREMARK ELECTROMAGNETIC DOOR RELEASE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

140-90004 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  140-90004 Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The Rixson Firemark FM Series electromagnetic door re-
leases hold fire and smoke barrier doors open until released
by a remote smoke detector switch, fire alarm control or
sprinkler system. In the event of power failure, doors are re-
leased to close automatically, but may be opened or closed
manually at any time.
The door holders have a sprayed aluminum finish.
All models feature a “multi-voltage” design, allowing
them to operate on 12 VDC, 24 VAC/DC, or 120 VAC, thus
simplifying both installation and inventory.
POWER REQUIREMENTS
Voltage
Current
12 VDC
.040 amp.
24 VAC/DC
.020 amp.
120 VAC
.020 amp.
APPROVALS
UL Listed
R4869
C.S.F.M.
3550-0047:001
NYC BS&A
287-77-SA
FM SERIES
RIXSON FIREMARK
ELECTROMAGNETIC
DOOR RELEASE
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Gamewell-FCI for their use. Specifications subject to change without notice.
© 2006 All Rights Reserved
9020-0045 Rev. E
1 of 1
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
ORDERING INFORMATION
Part Number
Model
Description
Total projection
from wall
140-90000
FM-980
Floor mount
N/A
140-90001
FM-981
Floor mount, double doors
N/A
140-90002
FM-990
Low profile mount
1 7/8 in. (4.9 cm)
140-90003
FM-996
Surface Mount
4.12 in. (10.05 cm)
140-90004
FM-997
Recessed mount
2.6 in. (5.35 cm)
140-90005
FM-998
Recessed, concealed wiring
2.6 in. (5.35 cm)
FEATURES
• Fail-Safe Operation
• Approx. 35 lbs. (15.9 kg) Holding
Power
• Positive Release Button to Initiate
Closing Motion when the
Electromagnet is De-Energized
An ISO 9001 Certified Company


Similar Part No. - 140-90004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140-0-3-502XXXX VISHAY-140-0-3-502XXXX Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
logo
Emerson Network Power
140-0000-973 EMERSON-NETWORKPOWER-140-0000-973 Datasheet
54Kb / 1P
   SMA JACK END LAUNCH ASSEMBLY LOCATION SOLDERING TOOL
logo
Glenair, Inc.
140-060 GLENAIR-140-060 Datasheet
341Kb / 4P
   10 Terminal Grounded Composite Junction Box
140-074-MXMT-0000 GLENAIR-140-074-MXMT-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
140-074-XM-0000 GLENAIR-140-074-XM-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
More results

Similar Description - 140-90004

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
   Electromagnetic Door Holders
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL_17 Datasheet
433Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
WST-1310S-3 SOBERTON-WST-1310S-3 Datasheet
261Kb / 5P
   Electromagnetic Buzzer
WST-1310S-2 SOBERTON-WST-1310S-2 Datasheet
229Kb / 5P
   Electromagnetic Buzzer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com