Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1120-0580 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # 1120-0580
Description  Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

1120-0580 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  1120-0580 Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The Quad Zone Unit (QZU-L) provides the 7200 Series Fire Alarm Control Panel with four (4) Class A, Style D or Class B,
Style B conventional, hard-wired, zone initiating circuits. Each circuit is field programmable for waterflow detection/supervi-
sory monitoring on a common multi-level detection circuit. Each circuit also provides verification capability for two-wire
smoke detectors.
The Eight Zone Unit (EZU-L) is similar to the Quad Zone Unit (QZU-L), except it provides eight (8) Class B, Style B con-
ventional zone initiating circuits. Class A, Style D wiring return connections are made to the optional Eight Zone Daughter
Board (EZD-L) which contains end of line devices and is mounted between the backboard and its associated EZU-L.
The QZU-L initiating circuits each contain a red “ALARM” LED and a yellow “TROUBLE” LED, along with a supervised,
power limited LED annunciator output for each zone. The EZU-L likewise contains “ALARM” and “TROUBLE” LEDs,
while supervised power limited annunciator output from the EZU-L circuits is available via an associated Eight Zone Daugh-
ter board (EZD-L), or Eight Zone Annunciator board (EZA-L). The EZA-L does not contain Class A circuitry.
Each initiating circuit also incorporates a zone “DISCONNECT” user switch, for individual initiating circuit control and
programming functions.
The QZU-L and EZU-L will accommodate FCI Approved, UL Listed, compatible two-wire smoke detectors. See the FCI
Addendum, P/N 9000-0427 for a list of detectors and quantities that can be accommodated per circuit.
Pluggable terminal blocks are provided with each unit for the connection of field wiring. These blocks will accommodate
wire sizes up to 12 AWG.
The QZU-L and EZU-L each occupy a full-unit size space in the cabinet, and mount in any available module position below
the SCU System Control Unit.
7200 SERIES
QZU-EZU-EZD-EZA (-L)
QUAD/EIGHT ZONE UNITS
EIGHT ZONE DAUGHTER/
ANNUNCIATOR BOARDS
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Fire Control Instruments, Inc. for their use. Specifications subject to change without notice.
© 1997 All Rights Reserved
9020-0293/Ver. 1.5
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
QZU-L
EZA-L
EZU-L
EZD-L
TECHNICAL AND ORDERING INFORMATION
Part No.
Model
Supervisory
Alarm
Description
Current
Current
1120-0575
QZU-L
.027 amp.
.062 amp.
Quad Zone Unit
1120-0576
EZU-L
.045 amp.
.086 amp.
Eight Zone Unit
1120-0579
EZD-L
.002 amp.
.009 amp.
Eight Zone Daughter Board
1120-0580
EZA-L
.002 amp.
.009 amp.
Eight Zone Annunciator Board
An ISO 9001 Certified Company


Similar Part No. - 1120-0580

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120-0314 MOLEX11-1120-0314 Datasheet
692Kb / 4P
   ARBOR TERMINATOR FOR .156 SPACED I.D. CONNECTORS
1120-0418 MOLEX11-1120-0418 Datasheet
1Mb / 39P
   RIBBON CABEL TERMINATION MACHINE
logo
Gamewell-FCI by Honeywe...
1120-0469 GAMEWELL-FCI-1120-0469 Datasheet
70Kb / 1P
   System Control Unit
1120-0499 GAMEWELL-FCI-1120-0499 Datasheet
38Kb / 1P
   Zone Coder Unit
logo
Molex Electronics Ltd.
1120-0739 MOLEX11-1120-0739 Datasheet
115Kb / 4P
   PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
More results

Similar Description - 1120-0580

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
1120-0499 GAMEWELL-FCI-1120-0499 Datasheet
38Kb / 1P
   Zone Coder Unit
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
FC-6324 GAMEWELL-FCI-FC-6324 Datasheet
416Kb / 2P
   SIX ZONE PANEL
logo
Hitachi Semiconductor
HLP1400 HITACHI-HLP1400 Datasheet
3Mb / 3P
   Bulk active zone
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Gamewell-FCI by Honeywe...
FC-5C GAMEWELL-FCI-FC-5C Datasheet
53Kb / 2P
   Five zone control communicator
FC-10C GAMEWELL-FCI-FC-10C Datasheet
53Kb / 2P
   Ten zone control communicator
logo
Micrel Semiconductor
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com