Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M08 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # M08
Description  Mini-Annunciators Back-Lit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

M08 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  M08 Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M08, M16
Series
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2006 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0326 Rev. F page 1 of 1
Mini-Annunciators, Back-Lit
Description
The M08, M16 Series Mini-Annunciators provide
remote annunciation in a compact, versatile, and
distinctive design.
The Mini-Annunciators are manufactured in eight or
sixteen zone versions, and are back-lit with either
high intensity led or incandescent lamp indicators.
These units are UL Listed for either interior or op-
tional weatherproof applications. The incandescent
lamp units are available with dual lamp configuration
as an option for unsupervised operation. The annun-
ciator is supplied with a surface back box, while a
flush trim ring is also supplied for flush mounted ver-
sions. The cabinet is 16- gauge steel with a black
textured epoxy finish. Red finish is available as an
option.
A lettering kit is furnished to allow application of cus-
tom zone designations to the 1/8-inch Lexan name-
plate. Optional factory lettering is also available.
Other optional accessories include a Remote Trou-
ble Indicator with Reset Keyswitch and a Lamp Test
Switch.
Specifications
Operating Voltage:
(Lamp style)
Alarm Current:
Incandescent Lamp
LED
24 VDC
(common positive)
.080 amp./zone
.012 amp./zone
Legend size:
Eight zone
2 lines of 10 characters per
zone (18 point letters)
Sixteen zone
2 liens of 12 characters per
zone (14 point letters)
Dimensions:
Surface mount
8.5” W x 6.4” H, x 3.4” D
(21.6 W x 16.3 H x 8.6 D cm)
Flush mount
10.4” W x 8.25” H x 3.1” D
(26.3 W x 21 H x 8 D cm)
Weatherproof
.9” H x 3.25” D
(2.2 H x 8.3 D cm)
Features
• Supervised indicators for use with FCI control panels.
• 8 or 16-zone capacity.
• Backlit operation.
• Dual lamp incandescent operation
• Remote trouble indicator (optional)
• Remote reset keyswitch (optional)
• Lamp test switch (optional)
• Weatherproof mounting (optional)
Ordering Information
Part Number Description
138-92311
M08-8-zone LED annunciator
138-92511
M08R 8-zone LED w/RT1, lamp test &
reset switch
138-94311
M08W 8-zone LED, weatherproof
138-92411
M08-Inc 8-zone incandescent lamp
138-92611
M08R/Inc 8-zone incandescent lamp
with RT1, lamp test & reset switch
138-94411
M08-W/Inc 8-zone incandescent lamp,
weatherproof
138-42311
M16 16-zone LED annunciator
138-42511
M16-R 16-zone LED w/RT1, lamp test
& reset switch
138-44311
M16-W 16-zone LED, weatherproof
138-42411
M16-Inc 16-zone incandescent lamp,
w/RTI, lamp test & reset switch
138-44411
M16-W/Inc 16-zone incandescent
lamp, weatherproof
M16
M8


Similar Part No. - M08

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M08045 MA-COM-M08045 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
More results

Similar Description - M08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
636 ETC2-636 Datasheet
61Kb / 1P
   Bright back lit LCD
logo
LG Semicon Co.,Ltd.
19MB35PM-B LG-19MB35PM-B Datasheet
673Kb / 2P
   5:4 IPS Monitor LED Back-lit
March 2014
logo
LUMEX INC.
SSB-CEL2718UWW LUMEX-SSB-CEL2718UWW Datasheet
109Kb / 1P
   Custom Edge LIT, LED BACKLIGHT
logo
List of Unclassifed Man...
701269-6WLA2-MB ETC2-701269-6WLA2-MB Datasheet
374Kb / 2P
   Everyday standard face lit solutions
701269-WVLL-MB ETC2-701269-WVLL-MB Datasheet
362Kb / 1P
   Everyday standard face lit solutions
701269-RVLL-MB ETC2-701269-RVLL-MB Datasheet
308Kb / 2P
   Everyday standard face lit solutions
logo
Vishay Siliconix
PD-020D025-7 VISHAY-PD-020D025-7_V01 Datasheet
51Kb / 2P
   Plasma Display 20 Characters, 7 Segments, Annunciators
01-Jan-2022
PD-08D025-17 VISHAY-PD-08D025-17 Datasheet
52Kb / 2P
   Plasma Display 8 Characters, 7 Segments, Annunciators
Revision: 29-Feb-12
PD-08D025-17 VISHAY-PD-08D025-17_V01 Datasheet
51Kb / 2P
   Plasma Display 8 Characters, 7 Segments, Annunciators
01-Jan-2022
PD-10D025-10 VISHAY-PD-10D025-10_V02 Datasheet
49Kb / 2P
   Plasma Display 10 Characters, 7 Segments, Annunciators
01-Jan-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com