Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2508D Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BU2508D
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU2508D Datasheet(HTML) 2 Page - Savantic, Inc.

  BU2508D Datasheet HTML 1Page - Savantic, Inc. BU2508D Datasheet HTML 2Page - Savantic, Inc. BU2508D Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU2508D
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; IB=0,L=25mH
700
V
V(BR)EBO
Emitter-base breakdown voltage
IE=600mA; IC=0
7.5
13.5
V
VCE(sat-1)
Collector-emitter saturation voltage
IC=4.5A; IB=1.1A
5.0
V
VCE(sat-2)
Collector-emitter saturation voltage
IC=4.5A; IB=1.29A
1.0
V
VBE(sat)
Base-emitter saturation voltage
IC=4.5A; IB=1.7A
1.3
V
ICES
Collector cut-off current
VCE=rated; VBE=0
T=125°C
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=7.5V; IC=0
140
390
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
7
13
23
hFE-2
DC current gain
IC=4.5A ; VCE=1V
4
5.5
7.5
VF
Diode forward voltage
IF=4.5A
1.6
2.0
V
CC
Collector capacitance
VCB=10V;f=1MHz
80
pF


Similar Part No. - BU2508D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2508D PHILIPS-BU2508D Datasheet
51Kb / 7P
   Silicon Diffused Power Transistor
December 1995 Rev 1.200
logo
Inchange Semiconductor ...
BU2508D ISC-BU2508D Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2508D SAVANTIC-BU2508D Datasheet
138Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BU2508D ETC2-BU2508D Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998 Rev 1.600
More results

Similar Description - BU2508D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com