Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-73 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # FC-73
Description  Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-73 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  FC-73 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-73 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-73 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-73 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FC-73
www.firecontrolinstruments.com
9020-0523 Rev. B / Page 4 of 4
FIRE CONTROL INSTRUMENTS
16 Southwest Park, Westwood MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com
Specifications are provided for information only, and are not intended to be used for installation purposes and are believed to be accurate.
However, no responsibility is assumed by Fire Control Instruments, Inc. for their use. Specifications subject to change without notice.
© 2001 All Rights Reserved
GENERAL SPECIFICATIONS
Primary AC Voltage
Total DC Voltage output
Auxiliary Power output
Smoke Detector output
Battery Charging Voltage
Battery Charging Current
Minimum Telephone input sensitivity
Minimum Telephone line voltage
Low Battery Threshold
Low AC Brown-out Threshold
Dimensions
Shipping Weight
ENVIRONMENTAL SPECIFICATIONS
Recommended Operating Temperature Range
Recommended Operating Humidity Range
INITIATING DEVICE CIRCUIT SPECIFICATIONS
10 Style B (Class B) or 5 Style D (Class A) IDCs expandable to 20 Style B, 10 Style D withh addition of ZDM-
FC73
Maximum Voltage
Maximum Circuit Resistance
Maximum Alarm Current for all Zones
Supervisory Current (per Zone)
Alarm Current (per Zone)
Supervised & Power-Limited
NOTIFICATION APPLIANCE CIRCUIT SPECIFICATIONS
4 Style Y (Class B) or 2 Style Z (Class A) NACs rated 3.0 amp. each
(Note: total current draw from NACS, smoke detector power, auxiliary power and main Control Panel not to
exceed 6.0 amp.)
Supervised & Power-Limited
APPROVALS
U.L. (Std 864)
S1869
C.S.F.M.
Pending
ORDERING INFORMATION
Part No.
Model
Description
150-00013
FC73-PCB
FC-73 Main Board
150-00014
FC-73
Fire Alarm Control Panel
150-00015
ZDM-FC73
Zone Expander Module
150-00016
LCD-FC73
Remote Annunciator
150-00018
FC-5280
Status Display Module
150-00023
FC-2190
Accessory Cabinet
120 Vrms @ 60 Hz, 3A
6 A
27.4 VDC @ 1A
27.4 VDC @ 1A
27.4 VDC
0.75A max. (33 A/H batteries max.)
35 dB
3 V
20.4 VDC
98 VAC
16” W x 26.4” H x 4” D
(40.64 x 67.06 x 10.16 cm)
28 lbs.
60° to 80° F (15° to 27° C), 32° to 120° F max. (0° to 49° C)
not to exceed 85% @ 90°F (32° C), non-condensing
25.6 VDC
50 ohms
1.0 amp.
0.003 amp.
0.095 amp.


Similar Part No. - FC-73

ManufacturerPart #DatasheetDescription
logo
3M Electronics
FC-70 3M-FC-70 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
FC-72 3M-FC-72 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
logo
Gamewell-FCI by Honeywe...
FC-7628 GAMEWELL-FCI-FC-7628 Datasheet
416Kb / 2P
   SIX ZONE PANEL
logo
3M Electronics
FC-77 3M-FC-77 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
More results

Similar Description - FC-73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
BAZ04-N-UT DH-BAZ04-N-UT Datasheet
401Kb / 2P
   Fire door control panel
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com