Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336LP-2-5 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM336LP-2-5
Description  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM336LP-2-5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM336LP-2-5 Datasheet HTML 2Page - Texas Instruments LM336LP-2-5 Datasheet HTML 3Page - Texas Instruments LM336LP-2-5 Datasheet HTML 4Page - Texas Instruments LM336LP-2-5 Datasheet HTML 5Page - Texas Instruments LM336LP-2-5 Datasheet HTML 6Page - Texas Instruments LM336LP-2-5 Datasheet HTML 7Page - Texas Instruments LM336LP-2-5 Datasheet HTML 8Page - Texas Instruments LM336LP-2-5 Datasheet HTML 9Page - Texas Instruments LM336LP-2-5 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-3 /C 10/01
0.094 (2,40)
0.114 (2,90)
0.460 (11,70)
0.539 (13,70)
TAPE & REEL
0.335 (8,50)
0.384 (9,75)
0.020 (0,50) MIN
0.217 (5,50)
0.748 (19,00)
0.748 (19,00)
0.689 (17,50)
0.098 (2,50)
0.433 (11,00)
0.335 (8,50)
0.610 (15,50)
0.650 (16,50)
1.260 (32,00)
0.905 (23,00)
0.234 (5,95)
0.266 (6,75)
0.512 (13,00)
0.488 (12,40)
0.114 (2,90)
0.094 (2,40)
0.146 (3,70)
0.169 (4,30)
DIA
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Tape and Reel information for the Format Lead Option package.


Similar Part No. - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM336LP-2-5 TI-LM336LP-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI1-LM336LP-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI1-LM336LP-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

Similar Description - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com