Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336LP-2-5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM336LP-2-5
Description  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM336LP-2-5 Datasheet(HTML) 2 Page - Texas Instruments

  LM336LP-2-5 Datasheet HTML 1Page - Texas Instruments LM336LP-2-5 Datasheet HTML 2Page - Texas Instruments LM336LP-2-5 Datasheet HTML 3Page - Texas Instruments LM336LP-2-5 Datasheet HTML 4Page - Texas Instruments LM336LP-2-5 Datasheet HTML 5Page - Texas Instruments LM336LP-2-5 Datasheet HTML 6Page - Texas Instruments LM336LP-2-5 Datasheet HTML 7Page - Texas Instruments LM336LP-2-5 Datasheet HTML 8Page - Texas Instruments LM336LP-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
symbol
CATHODE
ANODE
ADJ
schematic diagram
CATHODE
Q11
6.6 k
24
k
24
k
Q14
Q8
Q7
Q2
20 pF
10 k
30 pF
Q10
Q3
Q1
Q5
Q4
Q6
Q9
Q12
Q13
500
30 k
6.6 k
720
ADJ
ANODE
NOTE A: All component values are nominal.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Reverse current, IR
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward current, IF
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
TA
Operating free-air temperature
LM236-2.5
−25
85
°C
TA
Operating free-air temperature
LM336-2.5, LM336B-2.5
0
70
°C


Similar Part No. - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM336LP-2-5 TI-LM336LP-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI1-LM336LP-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI1-LM336LP-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

Similar Description - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com