Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH7892 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # AH7892
Description  Cooper-Wheelock AS/AH Serles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH7892 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  AH7892 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH7892 Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH7892 Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH7892 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0572 Rev. C1 page 2 of 4
Description (Continued)
General Notes:
• Strobes are designed to flash at one flash per second
minimum over the Regulated Voltage Range. Note that
NFPA-72 (1999) specifies a flash rate of one to two
flashes per second and ADA guidelines specify a flash
rate of one to three flashes per second.
• All candela ratings represent minimum effective strobe
intensity based on UL Standard 1971.
• Series AS strobe products are Listed under UL Standard
1971 for indoor use with a temperature range of 32
° F to
120
° F (0° C to 49° C) and a maximum humidity of 93%
(+/- 2%).
• Series AH horns are Listed under UL Standard 464 for
audible signal appliances (indoor use only).
• Series AH-24WP audible appliances are Listed under UL
Standard 464 for indoor/outdoor use with a temperature
range of –31
° F to 150° F
(-35
° C to 66° C) and a maximum humidity of 95%.
• “Regulated Voltage Range” is the state-of-the-art technol-
ogy used by UL to identify the voltage range. Prior to this
technology, UL used the term, “Listed Voltage Range.”
Table 5:dBA Ratings for 12 VDC & 24 VDC Series
AS/AH 12 & 24 VDC Horns
Description Volumn
Reverberant dBA
per UL 464 @
10 pt.
Anchoic
dBA @
10 pt.
Continuous
Horn
High
91
99
Medium
88
95
Low
83
90
Temporal
Pattern
High
87
99
Medium
84
95
Low
79
90
Table 6: Average RM S Current* for AS-24 M CC Ceil-
ing Models @ each Candela Setting
Average Current with High dBA Setting (99 dBA)
Voltage
15 cd
30 cd
75 cd
95 cd
16.0 VDC
0.105
0.145
0.226
0.314
24.0 VDC
0.097
0.120
0.161
0.202
33.0 VDC
0.101
0.113
0.139
0.168
Average Current with Medium dBA Setting (95 dBA)
16.0 VDC
0.084
0.126
0.222
0.309
24.0 VDC
0.069
0.094
0.145
0.195
33.0 VDC
0.068
0.083
0.114
0.145
Average Current with Low dBA Setting (90 dBA)
16.0 VDC
0.076
0.121
0.220
0.306
24.0 VDC
0.069
0.084
0.138
0.185
33.0 VDC
0.049
0.068
0.102
0.132
Table 7: Average Mean Current* Series AS-241575
Voltage
High
Medium
Low
8.0 VDC
0.320
0.276
0.286
0.250
0.195
0.175
12.0 VDC
17.5 VDC
0.205
0.105
0.130
Table 1: Ratings per UL 1971
Model
Input
Voltage
VDC
Regulated Voltage
Range VDC/FW R
Strobe
Candela (cd)
AS-24MCW-FA
24
160-330
15/30/75/110
AS-241575W-FR 24
160-330
15 (75 or Axis)
AS-121575W-FR 12
80-175
15 (75 or Axis)
AS-24M C C –FW
24
160-330
15/30 /75 /95
AS WP-2475W-FR
24
160-330
75 @ -31
° F
Table 2: Average RMS Current* fir AS-24 MCW Wall-
Models @ each Candela Setting
Average Current with High dBA Setting (99 dBA)
Voltage
15 cd
30 cd
75 cd
110 cd
16.0 VDC 0.099
0.135
0.219
0.308
24.0 VDC 0.093
0.114
0.157
0.197
33.0 VDC 0.098
0.108
0.138
0.166
Average Current with Medium dBA Setting (95 dBA)
16.0 VDC 0.078
0.116
0.203
0.282
24.0 VDC 0.065
0.088
0.133
0.179
33.0 VDC 0.065
0.078
0.106
0.134
16.0 VDC 0.070
0.111
0.201
0.279
24.0 VDC 0.052
0.077
0.126
0.169
Average Current with Low dBA Setting (90dBA)
33.0 VDC 0.046
0.063
0.063
0.121
Table 3: Average Mean Current * Series
AH-24R/W & AH-12-R/W * W P (Horn only)
Voltage
High
Medium
Low
16.0 VDC
0.035
0.020
0.14
24.0 VDC
0.050
0.026
0.017
33.0 VDC
0.089
0.035
0.021
8.0 VDC
0.093
0.037
0.080
12.0 VDC
0.108
0.049
0.085
17.5 VDC
0.128
0.069
0.042
Table 4: Avereage RM* Current Series AS0241575
Voltage
High
Medium
Low
16.0 VDC
0.130
0.114
0.108
24.0 VDC
0.107
0.085
0.075
33.0 VDC
0.105
0.075
0.060


Similar Part No. - AH7892

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AH73900 OHMITE-AH73900 Datasheet
494Kb / 2P
   Multiple finishes available
More results

Similar Description - AH7892

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
   Cooper-Wheelock
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
   Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
   Cooper-Wheelock
AS-24MCW-FR GAMEWELL-FCI-AS-24MCW-FR Datasheet
278Kb / 4P
   Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
   Wheelock
logo
First Silicon Co., Ltd
FDR54CE FS-FDR54CE Datasheet
191Kb / 3P
   Dual Serles Schottky Barrler Dlodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com