Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH7416 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # AH7416
Description  Cooper-Wheelock AS/AH Serles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

AH7416 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  AH7416 Datasheet HTML 1Page - Gamewell-FCI by Honeywell AH7416 Datasheet HTML 2Page - Gamewell-FCI by Honeywell AH7416 Datasheet HTML 3Page - Gamewell-FCI by Honeywell AH7416 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cooper-Wheelock
AS/AH Series
Single & Multi-Candela
AS Series Audible Strobe &
AH Series Audible Appliances
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©
2008 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0572 Rev. C1 page 1 of 4
Description
The 2-wire Cooper-Wheelock AS Series audible/
visual and AH Series audible notification appliances
offer many features with low current draws.
Strobe options for wall-mounted models include
15/75 cd or field-selectable Multi-Candela strobes
that may be set to 15, 30, 75, or 110 cd.
Ceiling mounted models incorporate field-selected
strobe settings of 15, 30, 75 or 95 cd.
The audible notification appliances provide a field-
selectable choice of either a continuous horn tone or
temporal pattern (per ANSI S3.41) when constant
voltage is supplied by the notification appliance cir-
cuit. Each tone has three dBA settings to choose
from. Additionally, the audible tone may be silenced
while maintaining strobe activation.
All models may be synchronized when the models
are used in conjunction with the Cooper-Wheelock
SM and DSM Sync Modules.
The synchronization of the continuous horn tone
provides the temporal pattern mandated by NFPA
72 for fire evacuation signaling. This ensures a
clearly distinguishable temporal pattern when two or
more audible devices are within hearing distance. If
the horn tones are not synchronized, the temporal
patterns may overlap. At the same time, the strobes
will also be synchronized. This process is in compli-
ance with ADA recommendations regarding photo-
sensitive epilepsy and NFPA and UFC standards
required when installing two or more visual appli-
ances within a common field of view.
Only two wires are required to achieve these se-
quences of operation. Separate circuits for audible
and visual devices are not necessary.
An ISO 9000-2000 Company
Features
• Approvals include:
- UL Standard 1971
- UL Standard 464
- New York City (MEA)
- California State Fire
Marshall (CSFM)
• ADA/NFPA/UFC/ANSI compliant
• Wall-mounted models are available with field multi-
candela settings of 15, 30, 75, or 110 cd
• Ceiling mounted models are available with field select-
able multi-candela settings of 15, 30, 75, or 95 cd
• Single candela models are available in 15/75 cd
• Weatherproof models are available for outdoor use
(ASWP)
• Selected continuous horn or temporal pattern
(ANSI 3.41)
• Three (3) field dBA settings adjusted to 90, 95, or 99
dBA for both tones
• Silenceable horns and non-silenceable strobes
installed over the same wires
• Strobes flash once per second over the regulated volt-
age range
• 12 & 24 VDC models with wide UL “regulated voltage
range” using filtered DC or unfiltered FWR input voltage
• Synchronize with SM or DSM synchronization
modules
• Fast installation with In/Out screw terminals using 12 to
18 AWG wires
Series AH
Series AS


Similar Part No. - AH7416

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AH73900 OHMITE-AH73900 Datasheet
494Kb / 2P
   Multiple finishes available
More results

Similar Description - AH7416

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
   Cooper-Wheelock
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
   Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
   Cooper-Wheelock
AS-24MCW-FR GAMEWELL-FCI-AS-24MCW-FR Datasheet
278Kb / 4P
   Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
   Wheelock
logo
First Silicon Co., Ltd
FDR54CE FS-FDR54CE Datasheet
191Kb / 3P
   Dual Serles Schottky Barrler Dlodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com