Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3487 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MC3487
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3487 Datasheet(HTML) 5 Page - Texas Instruments

  MC3487 Datasheet HTML 1Page - Texas Instruments MC3487 Datasheet HTML 2Page - Texas Instruments MC3487 Datasheet HTML 3Page - Texas Instruments MC3487 Datasheet HTML 4Page - Texas Instruments MC3487 Datasheet HTML 5Page - Texas Instruments MC3487 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC3487
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS098A – MAY 1980 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPLZ
1 k
tPHZ
VOLTAGE WAVEFORMS
50
0 V or 3 V
Output
See Note C
SW2
SW1
5 V
SW3
200
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
TEST CIRCUIT
tPZL
tPZH
SW1 Closed
SW2 Open
SW2 Closed
SW1 Open
Output
Output
3 V
0 V
0.5 V
0.5 V
VOH
SW2 Closed
SW1 Closed
≈ 1.5 V
≈ 1.5 V
SW2 Closed
SW1 Closed
VOL
Output
Enable Input
Generator
(see Note A)
CL = 15 pF
(see Note B)
Output
Output
Output
Enable Input
NOTES: A. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 1 MHz, duty cycle = 50%,
ZO = 50 Ω.
B. CL includes probe and stray capacitance.
C. All diodes are 1N916 or 1N3064.
Figure 4. Driver Test Circuit and Voltage Waveforms


Similar Part No. - MC3487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3487 TI-MC3487 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487 Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487D TI-MC3487D Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487D TI-MC3487D Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487DE4 TI-MC3487DE4 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - MC3487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com