Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT-12120 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # BAT-12120
Description  Constant-Duty Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BAT-12120 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  BAT-12120 Datasheet HTML 1Page - Gamewell-FCI by Honeywell BAT-12120 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2283 Rev. a page 2 of 2
www.gamewell-fci.com
Specifications (Continued)
Cabinet Battery
Space:
Up to two 12 AH batteries
(maximum) inside cabinet. Larger
batteries require a separate
battery cabinet.
Relative Humidity:
10 – 93% non-condensing
Temperature Rating:
32°F – 120°F (0°C – 49°C)
Common Trouble
Relay:
2A/30 VDC or 120 VAC
AC Fail Relay:
2A/30 VDC or 120 VAC
Ordering Information
Part Number Description
CDP8
24 VDC, 8.0 amp. power supply with inte-
gral battery charger
BAT-1270
Battery, 12 VDC, 7 AH
(two required for 24 V operation)
BAT-12120
Battery, 12 VDC, 12 AH
(two required for 24 V operation)
30069
Power supervision end-of-line relay,
24VDC


Similar Part No. - BAT-12120

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
75Kb / 2P
   NAC Expander/Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
141Kb / 2P
   NAC Expander/Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
More results

Similar Description - BAT-12120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
logo
LinkCom Manufacturing C...
25W-LCCE LINKCOM-25W-LCCE Datasheet
498Kb / 4P
   25W Constant Current Power Supply
logo
Mean Well Enterprises C...
APC-25 MEANWELL-APC-25_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APC-35 MEANWELL-APC-35_17 Datasheet
70Kb / 2P
   CONSTANT CURRENT MODE POWER SUPPLY
APV-35 MEANWELL-APV-35_17 Datasheet
71Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
logo
Sanyo Semicon Device
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com