Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC241575 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SC241575
Description  SC Strobes and PC Horn/Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SC241575 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SC241575 Datasheet HTML 1Page - Gamewell-FCI by Honeywell SC241575 Datasheet HTML 2Page - Gamewell-FCI by Honeywell SC241575 Datasheet HTML 3Page - Gamewell-FCI by Honeywell SC241575 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SpectrAlert® SC/PC
CS-2451
06/10/05
Page 2 of 4
Strobes shall be powered independently of the sounder with the removal of
factory-installed jumper wires. The horn on horn/strobe models shall operate on
a coded or non-coded power supply.
NOTE: The strobes must be powered continuously for the horn to operate.
Ordering Information
SC2415
Ceiling-mount strobe, 24 volt, 15 candela, red.
SC2415W
Ceiling-mount strobe, 24 volt, 15 candela, white.
SC241575
Ceiling-mount strobe, 24 volt, 15/75 candela, red.
SC241575W Ceiling-mount strobe, 24 volt, 15/75 candela, white.
SC2430
Ceiling-mount strobe, 24 volt, 30 candela, red.
SC2430W
Ceiling-mount strobe, 24 volt, 30 candela, white.
SC2475
Ceiling-mount strobe, 24 volt, 75 candela, red.
SC2475W
Ceiling-mount strobe, 24 volt, 75 candela, white.
SC2495
Ceiling-mount strobe, 24 volt, 95 candela, red.
SC2495W
Ceiling-mount strobe, 24 volt, 95 candela, white.
SC24115
Ceiling-mount strobe, 24 volt, 115 candela, red.
SC24115W
Ceiling-mount strobe, 24 volt, 115 candela, white.
SC24177
Ceiling-mount strobe, 24 volt, 177 candela, red.
SC24177W
Ceiling-mount strobe, 24 volt, 177 candela, white.
PC2415
Ceiling-mount horn/strobe, 24 volt, 15 candela, red.
PC2415W
Ceiling-mount horn/strobe, 24 volt, 15 candela, white.
PC241575
Ceiling-mount horn/strobe, 24 volt, 15/75 candela, red.
PC241575W Ceiling-mount horn/strobe, 24 volt, 15/75 candela, white.
PC2430
Ceiling-mount horn/strobe, 24 volt, 30 candela, red.
PC2430W
Ceiling-mount horn/strobe, 24 volt, 30 candela, white.
PC2475
Ceiling-mount horn/strobe, 24 volt, 75 candela, red.
PC2475W
Ceiling-mount horn/strobe, 24 volt, 75 candela, white.
PC2495
Ceiling-mount horn/strobe, 24 volt, 95 candela, red.
PC2495W
Ceiling-mount horn/strobe, 24 volt, 95 candela, white.
PC24115
Ceiling-mount horn/strobe, 24 volt, 115 candela, red.
PC24115W
Ceiling-mount horn/strobe, 24 volt, 115 candela, white.
PC24177
Ceiling-mount horn/strobe, 24 volt, 177 candela, red.
PC24177W
Ceiling-mount horn/strobe, 24 volt, 177 candela, white.
Accessories
MDL
Sync•Circuit™ module, red.
MDLW
Sync•Circuit™ module, white.
BBSC
Surface-mount backbox skirt, red.
BBSCW
Surface-mount backbox skirt white.
Specifications
Dimensions
6.8" (172.72 mm) diameter.
Mounting
4.0" x 4.0" x 1.5" (101.6 x 101.6 x 38.1
mm) backbox.
Indoor operating temperature
32°F to 120°F (0°C to 49°C).
Maximum humidity
95% as tested per UL 464.
Weight
5.3 oz. (150 grams).
Operating voltage
24 VDC and FWR unfiltered.
Input terminals
12 to 18 AWG (3.1 to 0.78 mm²).
Operating voltage range
24 volts, 16 – 33 volts.
NOTE: 177 cd models tested at 20 – 33
V FWR and 16 – 33 VDC.
Operating voltage range
with Sync•Circuit™ module
24 volts, 17 – 33 volts.
NOTE: 177 cd models tested at 21 – 33
V FWR and 17 – 33 VDC.
U.S. Patent Numbers
6,049,446. 6,057,778. D424,465.
BBSCW Surface-Mount
Backbox Skirt
Gamewell®, System Sensor®, and SpectrAlert® are registered trademarks and
Sync•Circuit™ is a trademark of Honeywell International Inc.


Similar Part No. - SC241575

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC241575 SYSTEMSENSOR-SC241575 Datasheet
332Kb / 4P
   Strobes and Horn Strobes
SC241575W SYSTEMSENSOR-SC241575W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
More results

Similar Description - SC241575

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
logo
Gamewell-FCI by Honeywe...
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
   Speaker/Strobes
logo
Systemsensor advanced i...
SS12 SYSTEMSENSOR-SS12 Datasheet
155Kb / 4P
   Signaling Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com