Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT-12260 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # BAT-12260
Description  NAC Expander/Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BAT-12260 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  BAT-12260 Datasheet HTML 1Page - Gamewell-FCI by Honeywell BAT-12260 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FireForce 6 CS-2498 09/01/06
Page 1 of 2
Description
The FireForce 6 (FF6) from
Gamewell is a Notification Appli-
ance Circuit (NAC) extender panel
designed to extend the power
capabilities of existing NACs and
provide power (3.0 A maximum) for
other ancillary devices. The FF6 will
connect to any brand of UL-Listed
Fire Alarm Control Panel (FACP) to
provide Notification Appliance
Circuit expansion.
Designed with advanced switch-
mode power-supply technology, the
FireForce 6 provides filtered and
electronically-regulated power
distributed to four NACs. Each NAC is rated at 3.0 Amp maximum, with a
total output capacity of 6.0 Amp. The outputs may be configured as: four
Class B (Style W, X, Y); or two Class A (Style Z); or two Class B and one
Class A. The FF6 includes an internal battery charger.
Gamewell’s FF6 provides independent output circuit supervision. In the
event of a NAC fault, the FF6 can be configured to notify the FACP. The
FF6 has field-selectable, built-in strobe and horn sync protocols. Protocols
support Faraday, Gentex, System Sensor, and Cooper-Wheelock devices; or
pass through a pre-generated sync protocol from a single synchronization
source. This eliminates the need for additional individual sync modules.
Independent horn silencing via sync protocol allows synchronized horns and
strobes to operate on a single circuit.
Engineer’s Specifications
The Fire Alarm System shall be designed with remotely located Notification
Appliance Circuit (NAC) Expander/Power Supplies for the support of
notification appliances. The remote Power Supplies shall be fully supervised
and shall provide 6.0 Amps of notification appliance power and auxiliary
power output. The NAC Extender Panel shall be able to select strobe
synchronization protocol via an internal dip switch. There shall be five
selectable protocols available. The NAC Extender Panel shall synchronize
all outputs simultaneously. The internal battery charging circuit shall
charge up to 33 AH batteries. The NAC Expander/Power Supply shall be a
Gamewell FireForce 6.
Features
• Provides two fully-supervised input/
control circuits (9 – 32 VDC).
• Multiple sync protocols, compatible with
the following appliances: Cooper-
Wheelock, Faraday, System Sensor, and
Gentex — as field-selectable options.
• Four configurable supervised NAC
outputs.
• 6.0 Amp, 24 VDC, fully regulated full-load
output (power-limited).
• Output fault notification to FACP.
• Continuous auxiliary power output.
• Trouble and status LEDs.
• Common trouble Form-C relay.
• Isolated AC Fail Form-C relay, immediate
or delayed six hours.
• Ground fault detection.
• 33 AH battery charger capability.
• Selectable temporal coding.
• Facilitates multiple NAC synchronization
for large areas.
Listings
Listings and approvals below apply to the
basic FireForce 6 panel. In some cases,
certain modules may not be listed by
certain approval agencies, or listing may
be in process. Consult factory for latest
listing status.
• UL Listed: file S521.
• MEA approved: file 429-92-E, Vol. XVI.
FireForce 6
NAC Expander/Power Supply
Field-Selectable NAC Signaling
INPUT
OUTPUT
(follows input)
Steady
Temporal
Steady
Steady – Sync
Steady
Steady with
noise eliminated
Sync
Sync
g2282io.tbl


Similar Part No. - BAT-12260

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
75Kb / 2P
   NAC Expander/Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
60Kb / 2P
   Constant-Duty Power Supply
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
BAT-12120 GAMEWELL-FCI-BAT-12120 Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
BAT-12180 GAMEWELL-FCI-BAT-12180 Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results

Similar Description - BAT-12260

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FF8 GAMEWELL-FCI-FF8 Datasheet
75Kb / 2P
   NAC Expander/Power Supply
FF9 GAMEWELL-FCI-FF9 Datasheet
141Kb / 2P
   NAC Expander/Power Supply
logo
List of Unclassifed Man...
FCPS-2404 ETC1-FCPS-2404 Datasheet
329Kb / 3P
   24 Volt, 4 Amp NAC Power Expander
logo
Microsemi Corporation
TSC331 MICROSEMI-TSC331 Datasheet
433Kb / 1P
   Gate Expander
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
   Output Expander
logo
ADL Embedded Solutions
MSMSP104EX ADL-MSMSP104EX Datasheet
182Kb / 1P
   Unit Expander
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com