Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


OP07C Datasheet(HTML) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. OP07C
Description  PRECISION OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

OP07C Datasheet(HTML) 6 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 6 page
background image
OP07C, OP07D, OP07Y
PRECISION OPERATIONAL AMPLIFIERS
SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS†
OP07Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
f = 10 Hz
10.5
Vn
Equivalent input noise voltage
f = 1 kHz
10.3
nV/
√Hz
f = 0.1 Hz to 10 Hz
9.8
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
µV
f = 10 Hz
0.35
In
Equivalent input noise current
f = 100 Hz
0.15
pA/
√Hz
f = 1 kHz
0.13
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
pA
SR
Slew rate
RL = 2 kΩ
0.3
V/
µs
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted.
APPLICATION INFORMATION
OUT
VCC –
VCC +
IN –
IN +
+
OFFSET N1
3
2
4
7
6
20 k
N2
OFFSET
8
1
Figure 1. Input Offset Voltage Null Circuit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn