Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA556D Datasheet(PDF) 3 Page - Texas Instruments

Part # SA556D
Description  DUAL PRECISION TIMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA556D Datasheet(HTML) 3 Page - Texas Instruments

  SA556D Datasheet HTML 1Page - Texas Instruments SA556D Datasheet HTML 2Page - Texas Instruments SA556D Datasheet HTML 3Page - Texas Instruments SA556D Datasheet HTML 4Page - Texas Instruments SA556D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023C – APRIL 1978 – REVISED DECEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage VCC
NE556, SA556
4.5
16
V
Supply voltage, VCC
SE556
4.5
18
V
Input voltage (CONT, RESET, THRES, and TRIG), VI
VCC
V
Output current, IO
±200
mA
NE556
0
70
Operating free-air temperature, TA
SA556
–40
85
°C
SE556
–55
125
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
NE556, SA556
SE556
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VT
Threshold voltage level
VCC = 15 V
8.8
10
11.2
9.4
10
10.6
V
VT
Threshold voltage level
VCC = 5 V
2.4
3.3
4.2
2.7
3.3
4
V
IT
Threshold current (see Note 3)
30
250
30
250
nA
VTRIG
Trigger voltage level
VCC = 15 V
4.5
5
5.6
4.8
5
5.2
V
VTRIG
Trigger voltage level
VCC = 5 V
1.1
1.67
2.2
1.45
1.67
1.9
V
ITRIG
Trigger current
TRIG at 0 V
0.5
2
0.5
0.9
µA
VRESET Reset voltage level
0.3
0.7
1
0.3
0.7
1
V
IRESET
Reset current
RESET at VCC
0.1
0.4
0.1
0.4
mA
IRESET
Reset current
RESET at 0 V
–0.4
1.5
–0.4
–1
mA
IDISCH
Discharge switch off-state
current
20
100
20
100
nA
VCONT
Control voltage (open circuit)
VCC = 15 V
9
10
11
9.6
10
10.4
V
VCONT
Control voltage (open circuit)
VCC = 5 V
2.6
3.3
4
2.9
3.3
3.8
V
IOL = 10 mA
0.1
0.25
0.1
0.15
VCC =15V
IOL = 50 mA
0.4
0.75
0.4
0.5
VOL
Low level output voltage
VCC = 15 V
IOL = 100 mA
2
2.5
2
2.2
V
VOL
Low-level output voltage
IOL = 200 mA
2.5
2.5
V
VCC =5V
IOL = 5 mA
0.1
0.25
0.1
0.15
VCC = 5 V
IOL = 8 mA
0.15
0.3
0.15
0.25
VCC =15V
IOH = – 100 mA
12.75
13.3
13
13.3
VOH
High-level output voltage
VCC = 15 V
IOH = – 200 mA
12.5
12.5
V
VCC = 5 V
IOH = – 100 mA
2.75
3.3
3
3.3
Output low,
VCC = 15 V
20
30
20
24
mA
ICC
Supply current
,
No Load
VCC = 5 V
6
12
6
10
mA
ICC
Supply current
Output high,
VCC = 15 V
18
26
18
20
nA
g
No load
VCC = 5 V
4
10
4
8
nA
NOTE 3: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 1. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is ≈ 10 MΩ.


Similar Part No. - SA556D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA556D TI-SA556D Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
SA556D TI-SA556D Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
SA556D TI1-SA556D Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
SA556DR TI-SA556DR Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
SA556DR TI-SA556DR Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - SA556D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556J TI-NE556J Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com