Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1450GFN Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI1450GFN
Description  PC Card Controllers
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1450GFN Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI1450GFN Datasheet HTML 5Page - Texas Instruments PCI1450GFN Datasheet HTML 6Page - Texas Instruments PCI1450GFN Datasheet HTML 7Page - Texas Instruments PCI1450GFN Datasheet HTML 8Page - Texas Instruments PCI1450GFN Datasheet HTML 9Page - Texas Instruments PCI1450GFN Datasheet HTML 10Page - Texas Instruments PCI1450GFN Datasheet HTML 11Page - Texas Instruments PCI1450GFN Datasheet HTML 12Page - Texas Instruments PCI1450GFN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
PCI1450 GFN/GJG
PC CARD CONTROLLER
SCPS044 – SEPTEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PCI1450 System Block Diagram
Figure 2 shows a simplified system implementation example using the PCI1450. The PCI interface includes
all address/data and control signals for PCI protocol. Highlighted in this diagram is the functionality supported
by the PCI1450. The PCI1450 supports PC/PCI DMA, PCI Way DMA (distributed DMA), PME wake-up from
D3cold through D0, 4 interrupt modes, an integrated zoomed video port, and 12 multifunction pins (8 IRQMUX,
and 4 GPIO pins) that can be programmed for a wide variety of functions.
PCI1450
Activity LED’s
South Bridge
IRQSER
Embedded
Controller
DMA
PME
68
23 for ZV
(See Note)
PC Card
Socket A
TPS2206
Power
Switch
2
PC Card
Socket B
VGA
Controller
Zoomed Video
19 Video
4 Audio
CLKRUN
Interrupt Routing Options:
1) Serial ISA/Serial PCI
2) Serial ISA/Parallel PCI
3) Parallel PCI/Parallel ISA
4) Parallel PCI Only
ZV
Enable
23 for ZV
68
NOTE: The PC Card interface is 68 pins for CardBus and 16-bit PC Cards. In zoomed-video mode 23
pins are used for routing the zoomed video signals to the VGA controller.
PCI Bus
Real Time
Clock
Clock
Audio
Codec
4 Audio
Figure 2. PCI1450 System Block Diagram


Similar Part No. - PCI1450GFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1451 TI-PCI1451 Datasheet
583Kb / 141P
[Old version datasheet]   PC Card Controller
PCI1451GJG TI-PCI1451GJG Datasheet
583Kb / 141P
[Old version datasheet]   PC Card Controller
More results

Similar Description - PCI1450GFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
[Old version datasheet]   PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1420PDV TI1-PCI1420PDV Datasheet
200Kb / 6P
[Old version datasheet]   PC Card Controllers
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com