Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-8002CE Datasheet(PDF) 3 Page - Epson ToYoCom

Part # SG-8002CE
Description  CRYSTAL OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

SG-8002CE Datasheet(HTML) 3 Page - Epson ToYoCom

  SG-8002CE Datasheet HTML 1Page - Epson ToYoCom SG-8002CE Datasheet HTML 2Page - Epson ToYoCom SG-8002CE Datasheet HTML 3Page - Epson ToYoCom SG-8002CE Datasheet HTML 4Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.epsontoyocom.co.jp
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
SG / HG-8002 series_ Jitter specifications and characteristics chart
PLL-PLL connection
Because we use a PLL technology, there are a few cases that the jitter value will increase when SG-8002 is connected to another
PLL-oscillator.
In our experience, we are unable to recommend these products for the applications such as telecom carrier use or analog video
clock use. Please be careful checking in advance for these application (Jitter specification is Max.250 ps/CL=15 pF)
Jitter Specifications
Model
Supply
Voltage
Jitter Item
Specifications
Remarks
150 ps Max.
33 MHz
f0 ≤ 125 MHz, L_CMOS=15 pF
Cycle to cycle
200 ps Max.
1.0 MHz
f0 < 33 MHz, L_CMOS=15 pF
200 ps Max.
33 MHz
f0 ≤ 125 MHz, L_CMOS=15 pF
PT / PH
ST / SH
5.0 V
±0.5 V
Peak to peak
250 ps Max.
1.0 MHz
f0 < 33 MHz, L_CMOS=15 pF
Cycle to cycle
200 ps Max.
1.0 MHz
f0 ≤ 125 MHz, L_CMOS=15 pF
SC / PC
3.3 V
±0.3 V
Peak to peak
250 ps Max.
1.0 MHz
f0 ≤ 125 MHz, L_CMOS=15 pF
Remarks on noise management for power supply line
We do not recommend inserting filters or other devices in the power supply line as the counter measure of EMI noise reduction.
This device insertion might cause high-frequency impedance high in the power supply line and it affects oscillator stable drive.
When this measure is required, please evaluate circuitry and device behavior in the circuit and verify that it will not affect oscillation.
Start up time (0 % VCC to 90 % VCC) of power source should be more than 150
µs.
SG-8002 series Characteristics chart
VCC=5.0 V
25 pF
Frequency(MHz)
0
Current consumption (VCC=5.0V)
20
40
60
80 100 120 140
10
20
30
40
50
Frequency(MHz)
0
Disable Current (VCC=5.0V)
20
40
60
80 100 120 140
10
20
30
40
50
VCC (V)
2.5
Stand-by Current
3.0 3.5 4.0 4.5 5.0
5.5 6.0
10
20
30
40
50
Frequency(MHz)
0
Symmetry 5.0V TTL Level
20
40
60
80 100 120 140
40
45
50
55
60
0
Symmetry 3.3 V CMOS Level
20
40
60
80 100 120 140
40
45
50
55
60
Frequency(MHz)
0
Symmetry 5.0 V CMOS Level
20
40
60
80 100 120 140
40
45
50
55
60
Frequency(MHz)
0
Frequency(MHz)
Output load vs. Additional Current consumption
20
40
60
80 100 120 140
2
4
6
8
10
12
14
16
18
20
2.5
VCC (V)
Voltage coefficient [ VCC vs I_dis,I_std ]
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
Output Rise time (CMOS Level)
15 20 25 30 35 40 45
1.0
1.5
2.0
3.0
2.5
Load capacitance (pF)
50 55
Output Fall time (CMOS Level)
3.0
10 15 20 25 30 35 40 45
1.0
1.5
2.0
2.5
Load capacitance (pF)
50 55
10
Output Fall time (TTL Level)
15
20
25
30
1.0
1.5
2.0
Load capacitance (pF)
Output Rise time (TTL Level)
10
15
20
25
30
1.0
1.5
2.0
Load capacitance (pF)
15 pF
50 pF
15 pF
30 pF
25 pF
15 pF
I_dis(Va)=Times(Va)×I_dis(5.0V)
I_std(Va)=Times(Va)×I_std(5.0V)
25 pF
15 pF
50 pF
30 pF
5.0 V
5.5 V
4.5 V
3.3 V
3.6 V
3.0 V
3.3 V
3.6 V
3.0 V
5.0 V
5.5 V
4.5 V
5.0 V
5.5 V
4.5 V
5.0 V
5.5 V
4.5 V
2.7 V
2.7 V
25 pF


Similar Part No. - SG-8002CE

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
EPCOS
SG-8002CE-PC EPCOS-SG-8002CE-PC Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8002CE-PT EPCOS-SG-8002CE-PT Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Epson Company
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
EPCOS
SG-8002CE-SC EPCOS-SG-8002CE-SC Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
More results

Similar Description - SG-8002CE

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com