Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-8002JF Datasheet(PDF) 2 Page - Epson ToYoCom

Part # SG-8002JF
Description  CRYSTAL OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

SG-8002JF Datasheet(HTML) 2 Page - Epson ToYoCom

  SG-8002JF Datasheet HTML 1Page - Epson ToYoCom SG-8002JF Datasheet HTML 2Page - Epson ToYoCom SG-8002JF Datasheet HTML 3Page - Epson ToYoCom SG-8002JF Datasheet HTML 4Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.epsontoyocom.co.jp
Crystal o
Crystal o
Crystal o
Crystal oscillator
scillator
scillator
scillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
SG-8002 Series_ Outline of specifications
Item
Model
Current
Consump
tion
Supply
Voltage
Output load condition
Output rise time
Output fall time
Symmetry
Function
PH
OE
SH
30 mA
Max.
4.5 V to 5.5 V 15 pF
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
40 % to 60 %(50 % VCC, L_CMOS=15 pF,
f0≤80 MHz/-40 °C to+85 °C)
ST
PC
OE
SG-8002LB
(SOJ 4-pin)
SC
28 mA
Max.
3.0 V to 3.6 V
(2.7 V to 3.6 V)
15 pF
3.0 ns Max.
(20 % VCC to 80 % VCC,
L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤40 MHz)
40 % to 60 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤125 MHz)
(50 % VCC, L_CMOS=15 pF, VCC=2.7 V to 3.6 V,
f0≤66.7 MHz) ST
PT
OE
ST
5 TTL+15 pF (
f0≤125 MHz/-20 °C to+70 °C)
25 pF (
f0≤66.7 MHz/-20 °C to+70 °C)
5 TTL+15 pF (
f0≤40 MHz/-40 °C to +85 °C)
15 pF(
f0≤55 MHz/-40 °C to +85 °C)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS or L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
45 % to 55 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(1.4 V, L_TTL=5 TTL+15 pF,
f0≤40.0 MHz/-40 °C to +85 °C)
40 % to 60 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤125 MHz/-20 °C to +70 °C)
(1.4 V, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(1.4 V, L_CMOS=15 pF,
f0≤55.0 MHz/-40 °C to +85 °C)
ST
PH
OE
SH
45 mA
Max.
4.5 V to 5.5 V
25 pF (
f0≤125 MHz/-20 °C to+70 °C)
50 pF (
f0≤66.7 MHz/-20 °C to+70 °C)
15 pF (
f0≤55 MHz/-40 °C to+85 °C)
25 pF (
f0≤40 MHz/-40 °C to+85 °C)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS≤25)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(50 % VCC, L_MOS=25 pF,
f0≤40.0 MHz/-40 °C to +85 °C)
40 % to 60 %(50 % VCC, L_CMOS=25 pF,
f0≤125 MHz/-20 °C to +70 °C)
(50 % VCC, L_CMOS=50 pF,
f0≤66.7 MHz/-20 °C to+70 °C)
(50 % VCC, L_CMOS=15 pF,
f0≤55.0 MHz/-40 °C to +85 °C)
ST
PC
OE
SG-8002CA
(SON)
SG-8002JA
(SOJ 4-pin)
SG-8002DB
(DIP 14-pin)
SG-8002DC
(DIP 8-pin)
SC
28 mA
Max.
3.0 V to 3.6 V
(2.7 V to 3.6 V)
15 pF (
f0≤66.7 MHz/2.7 to 3.6 V)
15 pF (
f0≤125 MHz/3.0 to 3.6 V)
30 pF (
f0≤40 MHz/3.0 to 3.6 V)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS≤15)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=30 pF, VCC=3.0 V to 3.6 V,
f0≤40 MHz)
40 % to 60 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤125 MHz)
(50 % VCC, L_CMOS=15 pF, VCC=2.7 V to 3.6 V,
f0≤66.7 MHz)
ST
PT
OE
ST
5TTL + 15 pF (
f0≤90 MHz/-20 to+70 °C)
15 pF (
f0≤125 MHz/-20 °C to +70 °C)
25 pF (
f0≤66.7 MHz/-20 °C to+70 °C)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS or L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
45 % to 55 %(1.4 V,L_TTL=5 TTL+15 pF,
f0≤66.7 MHz/-20 °C to+70 °C)
40 % to 60 %(1.4 V,L_TTL=5 TTL+15 pF,
f0≤90.0 MHz/-20 °C to+70 °C)
(1.4 V,L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(1.4 V,L_CMOS=15 pF,
f0≤125 MHz/-20 °C to +70 °C)
ST
PH
OE
SH
45 mA
Max.
4.5 V to 5.5 V
15 pF (
f0≤125 MHz/-20 °C to+70 °C)
25 pF (
f0≤90 MHz/-20 °C to+70 °C)
50 pF (
f0≤66.7 MHz/-20 °C to+70 °C)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS≤25)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
40 % to 60 %(50 % VCC, L_CMOS=15 pF,
f0≤125 MHz/-20 °C to +70 °C)
(50 % VCC, L_CMOS=25 pF,
f0≤90 MHz/-20 °C to +70 °C)
(50 % VCC, L_CMOS=50 pF,
f0≤50 MHz/-20 °C to +70 °C)
ST
PC
OE
SG-8002JC
(SOJ 4-pin)
SC
28 mA
Max.
3.0 V to 3.6 V
(2.7 V to 3.6 V)
15 pF (
f0≤66.7 MHz/2.7 to 3.6 V)
15 pF (
f0≤125 MHz/3.0 to 3.6 V)
30 pF (
f0≤40 MHz/3.0 to3.6 V)
3.0 ns Max.
(20 % VCC to 80 % VCC ,L_CMOS≤15)
4.0 ns Max.
(20 % VCC to 80 % VCC ,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=30 pF, VCC=3.0 V to 3.6 V,
f0≤40 MHz)
40 % to 60 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤125 MHz)
(50 % VCC, L_CMOS=15 pF, VCC=2.7 V to 3.6 V,
f0≤66.7 MHz) ST
PT
OE
ST
15 pF (
f0≤125 MHz/-20 °C to +70 °C )
25 pF (
f0≤66.7 MHz/-20 °C to+70 °C)
5TTL + 15 pF (
f0≤ 90 MHz/-20 °C to +70 °C)
15 pF (
f0≤40 MHz/-40 °C to +85 °C)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS≤25)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
45 % to 55 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤66.7 MHz/-20 °C to+70 °C)
40 % to 60 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤90 MHz/-20 °C to +70 °C)
(1.4 V, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(1.4 V, L_CMOS=15 pF,
f0≤125 MHz/-20 °C to +70 °C)
(1.4 V, L_CMOS=15 pF,
f0≤40 MHz/-40 °C to +85 °C)
ST
PH
OE
SH
45 mA
Max.
4.5 V to 5.5 V
15 pF (
f0≤125 MHz/-20 °C to+70 °C )
25 pF (
f0≤90 MHz/-20 °C to+70 °C)
50 pF (
f0≤50 MHz/-20 °C to+70 °C)
15 pF (
f0≤40 MHz/-40 °C to+85 °C)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS≤25)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
40 % to 60 %(50 % VCC, L_CMOS=25 pF,
f0≤90.0 MHz/-20 °C to +70 °C)
(50 % VCC, L_CMOS=50 pF,
f0≤50.0 MHz/-20 °C to+70 °C)
(50 % VCC, L_CMOS=15 pF,
f0≤125 MHz/-20 °C to+70 °C)
(50 % VCC, L_CMOS=15 pF,
f0≤40 MHz/-40 °C to+85 °C)
ST
PC
OE
SG-8002JF
(SOJ 4-pin)
SC
28 mA
Max.
3.0 V to 3.6 V
(2.7 V to 3.6 V)
15 pF(
f0≤66.7 MHz/2.7 to 3.6 V)
15 pF(
f0≤125 MHz/3.0 to 3.6 V)
30 pF(
f0≤40 MHz/3.0 to 3.6 V)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS≤15)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
45 % to 55 %(50 % VCC, CL=30 pF, VCC=3.0 V to 3.6 V,
f0≤40 MHz)
40 % to 60 %(50 % VCC, CL=15 pF, VCC=3.0 V to 3.6 V,
f0≤125 MHz)
(50 % VCC, CL=15 pF, VCC=2.7 V to 3.6 V,
f0≤66.7 MHz)
ST
PT
OE
ST
5 TTL+15 pF (
f0≤125 MHz/-20 °C to + 70 °C)
5 TTL+15 pF (
f0≤27 MHz/-40 °C to +85 °C )
2.0 ns Max.
(0.8 V to 2.0 V,L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_TTL=Max.)
45 % to 55 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(1.4 V, L_TTL=5 TTL+15 pF,
f0≤27.0 MHz/-40 °C to + 85 °C)
40 % to 60 %(1.4 V, L_TTL=5 TTL+15 pF,
f0≤125 MHz/-20 °C to +70 °C)
ST
PH
OE
SH
40 mA
Max.
4.5 V to 5.5 V
15 pF (
f0≤125 MHz/-20 °C to +70 °C )
25 pF (
f0≤100 MHz/-20 °C to+70 °C )
25 pF (
f0≤27 MHz/-40 °C to +85 °C )
3.0 ns Max.
(20 % VCC to 80 % VCC ,L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=25 pF,
f0≤66.7 MHz/-20 °C to +70 °C)
(50 % VCC, L_CMOS=25 pF,
f0≤27.0 MHz/-40 °C to + 85 °C)
40 % to 60 %(50 % VCC, L_CMOS=15 pF,
f0≤125 MHz/-20 °C to +70 °C)
ST
PC
OE
SG-8002CE
(SON)
SC
28 mA
Max.
3.0 V to 3.6 V
(2.7 V to 3.6 V)
15 pF (
f0≤66.7 MHz/2.7 to 3.6 V)
15 pF (
f0≤125 MHz/3.0 to 3.6 V)
3.0 ns Max.
(20 % VCC to 80 % VCC,
L_CMOS=Max.)
45 % to 55 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤40 MHz)
40 % to 60 %(50 % VCC, L_CMOS=15 pF, VCC=3.0 V to 3.6 V,
f0≤125 MHz)
(50 % VCC, L_CMOS=15 pF, VCC=2.7 V to 3.6 V,
f0≤66.7 MHz) ST
TABLE OF FREQUENCY RANGE
Model
Supply voltage
Frequency tolerance
OperatingTemperature
Frequency
1 M Hz
50 M Hz
100 M Hz
125 MHz
B,C
1.0 MH z
125 MH z
PT/ ST
PH/ SH
4.5 V to 5.5 V
M
1.0 MH z
27 MH z
SG-8002CE
PC/SC
3.0 V to 3.6 V
(2.7 V to 3.6 V)
B,C,M
1.0 MH z
125 MH z
*2.7 V to 3.6 V : 1.0 MHz to 66.7 MHz
B,C
1.0 MH z
80 MH z
PH/ SH
5.0 V±0.5 V
M,L
1.0 MH z
27 MH z
SG-8002LB
PC/ SC
3.3 V±0.3 V
B,C,M,L
1.0 MH z
125 MH z
*2.7 V to 3.6 V : 1.0 MHz to 66.7 MHz
B,C
1.0 MHz
125 MHz
PT/ ST
PH/ SH
4.5 V to 5.5 V
M
1.0 MH z
40 MH z
SG-8002JF
PC
SC
3.0 V to 3.6 V
(2.7 V to 3.6 V)
B,C,M
1.0 MH z
125 MH z
*2.7 V to 3.6 V : 1.0 MHz to 66.7 MHz
B,C
1.0 MHz
125 MHz
PT/ ST
PH/ SH
4.5 V to 5.5 V
M
1.0 MH z
55 MH z
SG-8002CA
SG-8002JA
SG-8002DB
SG-8002DC
PC/ SC
3.0 V to 3.6 V
(2.7 V to 3.6 V)
B,C,M
1.0 MH z
125 MH z
*2.7 V to 3.6 V : 1.0 MHz to 66.7 MHz
PT/ ST
PH/ SH
4.5 V to 5.5 V
B
C
1.0 MH z
125 MH z
SG-8002JC
PC/ SC
3.0 V to 3.6 V
(2.7 V to 3.6 V)
B
C
1.0 MH z
125 MH z
*2.7 V to 3.6 V : 1.0 MHz to 66.7 MHz
Frequency tolerance : B:±50×10
-6(-20 °C to +70 °C ), C:±100×10-6 (-20 °C to +70 °C ), M:±100×10-6 (-40 °C to +85 °C ), L:±50×10-6 (-40 °C to +85 °C )


Similar Part No. - SG-8002JF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-8002JF ETC-SG-8002JF Datasheet
64Kb / 1P
   Wide frequency output by PLL technology.
logo
EPCOS
SG-8002JF-PC EPCOS-SG-8002JF-PC Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8002JF-PH EPCOS-SG-8002JF-PH Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8002JF-PT EPCOS-SG-8002JF-PT Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8002JF-SC EPCOS-SG-8002JF-SC Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
More results

Similar Description - SG-8002JF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com