Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCO-7086X1A2 Datasheet(PDF) 1 Page - Epson ToYoCom

Part # TCO-7086X1A2
Description  CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

TCO-7086X1A2 Datasheet(HTML) 1 Page - Epson ToYoCom

  TCO-7086X1A2 Datasheet HTML 1Page - Epson ToYoCom TCO-7086X1A2 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
TCO-708*X1A*
TCO-708*D1A*
Remarks
Output frequency range
fO
1.500 MHz to 160.000 MHz
1.500 MHz to 75.000 MHz
Please contact us for inquiries regarding
the available frequencies.
Supply voltage
VCC
3.3 V
5.0 V
As per below description
Storage temperature range
T_stg
-40
°C to +85 °C
Store as bare product after unpacking
Operating temperature range
T_use
As per below description
Frequency tolerance
f_tol
As per below description
20 mA Max.
fO ≤ 30 MHz, No load condition.
20 mA Max.
40 mA Max.
fO ≤ 75 MHz, No load condition.
Current consumption
ICC
50 mA Max.
fO ≤ 160 MHz, No load condition.
Symmetry
SYM
40 % to 60 %
50 % VCC level
High output voltage
VOH
90 % VCC Min.
Low output voltage
VOL
10 % VCC Max.
Output load condition (CMOS) L_CMOS
15 pF Max.
VIH
70 % VCC Min.
VIH or OPEN : Enable
Output enable / disable input
voltage
VIL
30 % VCC Max.
VIL or GND : Disable
6 ns Max.
10 ns Max.
fO ≤ 75 MHz,10 % VCC to 90 % VCC level
Rise time / Fall time
tr / tf
3 ns Max.
fO ≤ 160 MHz, 10 % VCC to 90 % VCC level
Start-up time
t_str
10 ms Max.
Time at minimum supply voltage to be 0 s
Frequency aging
f_aging
±5 × 10
-6 / year Max.
+25
°C, First year
*
Part Number
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
CRYSTAL OSCILLATOR
SPXO
TCO - 708x series
•Frequency range
:
1.5 MHz to 160 MHz
•Supply voltage
:
3.3 V or 5.0 V
•Thickness
:
1.6 mm Typ.
•Function
:
Standby ( ST )
TCO - 7 0 8 _ _ 1 A _
<Frequency tolerance / VCC tolerance>
±25 × 10
-6 Max. / VCC ±5 % : 5
±50 × 10
-6 Max. / VCC ±10 % : 6
±100 × 10
-6 Max. / VCC ±10 % : 7
< Supply voltage / Frequency range>
X : VCC= 3.3 V / 1.5 MHz to 160 MHz
D : VCC= 5.0 V / 1.5 MHz to 75 MHz
<Operating temperature range>
BLANK: 0 °C to +70 °C
1: -10 °C to +70 °C
2: -20 °C to +70 °C
4: -40 °C to +85 °C (±50, ±100 × 10
-6 only)
#2
C
C=0.1 µF Min.
1.8
5.08
#1
#3
#4
Resist
Product Number (please contact us)
X1G0002x0xxxx00
Pin map
Pin
CONNECTION
1
ST
2
GND
3
OUT
4
VCC
7.0±0.2
#4
#1
#3
C0.5
1.4±0.15
#2
D1A
813K
E 56.750
5.08±0.15
Note:
STpin = HIGH or “Open” : Specified frequency output.
STpin = LOW : Output is high impedance, oscillation stop.


Similar Part No. - TCO-7086X1A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCO-7086X1A ETC-TCO-7086X1A Datasheet
112Kb / 1P
   Crystal Clock Oscillator
More results

Similar Description - TCO-7086X1A2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com