Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55075-00-01-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 55075-00-01-A
Description  Geartooth Hall Effect Sensor Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

55075-00-01-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  55075-00-01-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33(0) 1 6047 3000 Fax: +33(0) 1 6015 9136 Email: sales.fr@hamlin.com
Issue No:
AF Date: 05.02.09 DCR B6092
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION
PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by providing information specific
to any particular application. HAMLIN disclaims any and all liability whatsoever for any
purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Hall Type
Digital Switch
3 Wire ( Voltage Output)
Supply
Maximum
Vdc
-25 to +25.2
Voltage
Operation
Vdc
4.75 to 25.2
(Note 1)
Overvoltage Protection
Vdc-max
27
Output High Voltage
Vdc-min
VDD - 2 (sinking outputs with internal pull-up resistor)
Output Low Voltage
Vdc-max
0.6 @ 20mA
Output Current (continuously on)
mA-max
20
mA-min
1
mA-max
10.5
Switching Speed
kHz-max
15
Temperature
Operating
OC
-40 to +
85
Storage
OC
-65 to +
85
Note 1 - As long as Tj (Junction Temperature) is not exceeded
TABLE 1
Cable Length Options:-
(Cable Type 24 AWG
7/32 PVC 105
oC,
Double Insulated)
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3.94) 100
02
(11.81) 300
03
(19.69) 500
04
(29.53) 750
05
(39.37) 1000
TABLE 2
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
Tinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
55075 Geartooth Hall Effect Sensor Features and Benefits
Features
Rotary position geartooth sensor
Stainless steel M12 threaded barrel
Electronic protection against severe and
automotive environments
Self adjusting magnetic range
3 wire (voltage output)
EMC protection (consult Hamlin)
Short circuit/reverse voltage protection
Zero speed detection
Benefits
Long life; up to 20 billion operations
High speed operation
No chopper delay
Unaffected by harsh environments
Rotary orientation not critical
On-chip 10 bit A/D converter
Customer selection of cable length and
connector type
Applications
Geartooth sensor
Camshaft sensor
Linear encoder
Rotary encoder
DIMENSIONS (in) mm
BLOCK DIAGRAM
SPECIFICATIONS
APPLICATION EXAMPLE - Geartooth Sensor
CUSTOMER OPTIONS - Cable Length and Termination
ORDERING INFORMATION
www.hamlin.com
Typical Output
(.059") 1.5mm Typical
Table 2
Table 1
Series 55075
Cable Length
Termination
55075
00
XX
X
Current Consumption


Similar Part No. - 55075-00-01-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
55075-00-02-A LITTELFUSE-55075-00-02-A Datasheet
369Kb / 2P
   Stainless Steel M12 Geartooth Speed Sensor
55075-00-02-E LITTELFUSE-55075-00-02-E Datasheet
369Kb / 2P
   Stainless Steel M12 Geartooth Speed Sensor
More results

Similar Description - 55075-00-01-A

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
   Flange Mount Hall Effect Sensor Features and Benefits
55085 HAMLIN-55085 Datasheet
335Kb / 1P
   Mini Vane Hall Effect Sensor Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
   L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
logo
Melexis Microelectronic...
MLX90217 MELEXIS-MLX90217_12 Datasheet
607Kb / 9P
   Hall-Effect Geartooth Sensor
logo
HAMLIN Position and Mov...
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
55505-00-01-A HAMLIN-55505-00-01-A Datasheet
168Kb / 1P
   Flange Mount Hall Effect Geartooth Sensor
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
59630-1-T-01-A HAMLIN-59630-1-T-01-A Datasheet
102Kb / 1P
   Float Sensor Features and Benefits
HSS-2G0-10W-L HAMLIN-HSS-2G0-10W-L Datasheet
47Kb / 1P
   Shock Sensor Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com