Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59065-3-T-01-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59065-3-T-01-A
Description  Threaded Barrel Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59065-3-T-01-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59065-3-T-01-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Normally Open
Change
Normally
Contact Type
Open
High Voltage
Over
Closed
Switch Type
12
3
4
Power
Watt - max.
10
10
5
5
Voltage
Switching
Vdc - max.
200
300
175
175
Breakdown
Vdc - min.
250
450
200
200
Current
Switching
A - max.
0.5
0.5
0.25
0.25
Carry
A - max.
1.2
1.5
1.5
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
0.2
0.2
Insulation
Ω - min.
10
10
10
10
10
9
10
9
Capacitance
Contact
pF - typ.
0.3
0.2
0.3
0.3
Temperature
Operating
°C
-40 to +105
-20 to +105
-40 to +105
-40 to +105
Storage
°C
-65 to +105
-65 to +105
-65 to +105
-65 to +105
Time
Operate
ms - max.
1.0
1.0
3.0
3.0
Release
ms - max.
1.0
1.0
3.0
3.0
Shock
11ms 1⁄2 sine
G - max.
100
100
50
50
Vibration
50-2000 Hz
G - max.
30
30
30
30
TABLE 3
Cable Type:-
24 AWG 7/32 PVC 105oC
UL1430/UL1569
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 4
Termination Options:-
SELECT
DESCRIPTION
OPTION
(2 WIRE VERSIONS ILLUSTRATED)
A or F
Tinned or untinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57065/57070 actuator
as illustrated
Switch AT before modification
Select Option
S
T
U
V
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
(in) mm
1 Normally Open
12-18
(.
354)
17-23
(.276)
22-28
(.236)
27-33
(.177)
2 High Voltage
9,0
7,0
6,0
4,5
3 Change Over
15-20
(.295)
20-25
(.236)
25-30
(.197)
4 Normally Closed
7,5
6,0
5,0
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 3
Table 2
Table 4
Sensitivity
Cable Length
Termination
File E61760(N)
www.hamlin.com
X
X
XX
X
DIMENSIONS (in) mm
59065/59070
Series 59065/59070
Features
2 part magnetically operated
proximity sensor
Threaded barrel with retaining nuts
Available as M8 (57070/59070) or
5/16 (57065/59065) size options
Customer defined sensitivity
Choice of cable length and
connector
Benefits
Simple installation and adjustment
using supplied retaining nuts
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Simple installation and adjustment
Applications
Position and limit sensing
Security system switch
Linear actuators
Industrial process control
59065 & 59070 Threaded Barrel Features and Benefits
Actuator
Sensor
Black
Black
Black
Blue
White
Black
Black
SCHEMATICS
Switch Type
1 & 2
3
4
ISSUE No: 4
DATE: 1/5/3
N.B. 57065/57070 actuator sold separately


Similar Part No. - 59065-3-T-01-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59065-3-T-02-A LITTELFUSE-59065-3-T-02-A Datasheet
587Kb / 3P
   Reed Sensors
59065-3-T-02-E LITTELFUSE-59065-3-T-02-E Datasheet
587Kb / 3P
   Reed Sensors
59065-3-T-02-F LITTELFUSE-59065-3-T-02-F Datasheet
587Kb / 3P
   Reed Sensors
More results

Similar Description - 59065-3-T-01-A

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
590751-S-01-A HAMLIN-590751-S-01-A Datasheet
86Kb / 1P
   Heavy Duty Stainless Steel Threaded Barrel Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
logo
HAMLIN Position and Mov...
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
logo
HAMLIN Position and Mov...
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
   59025 Firecracker Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com