Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59125-2-T-00-0 Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59125-2-T-00-0
Description  Pinned Flange Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59125-2-T-00-0 Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59125-2-T-00-0 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Normally Open
Normally
Contact Type
Open
High Voltage
Closed
Switch Type
12
4
Power
Watt - max.
10
10
5
Voltage
Switching
Vdc - max.
200
300
175
Breakdown
Vdc - min.
250
450
200
Current
Switching
A - max.
0.5
0.5
0.25
Carry
A - max.
1.2
1.5
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
0.2
Insulation
Ω - min.
10
10
10
10
10
9
Capacitance
Contact
pF - typ.
0.3
0.2
0.3
Temperature
Operating
°C
-40 to +105
-20 to +105
-40 to +105
Storage
°C
-65 to +105
-65 to +105
-65 to +105
Time
Operate
ms - max.
1.0
1.0
3.0
Release
ms - max.
1.0
1.0
3.0
Shock
11ms 1⁄2 sine
G - max.
100
100
50
Vibration
50-2000 Hz
G - max.
30
30
30
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57125 actuator
as illustrated
Switch AT before modification
Select Option
S
T
U
V
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
(in) mm
1 Normally Open
12-18
(.394)
17-23
(.354)
22-28
(.315)
27-33
(.295)
2 High Voltage
10,0
9,0
8,0
7,5
15-20
(.354)
20-25
(.335)
25-30
(.295)
4 Normally Closed
9,0
8,5
7,5
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Cable Length and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Switch Type
Table 1
Table 2
Sensitivity
File E61760(N)
www.hamlin.com
X
X
00
0
DIMENSIONS (in) mm
Series 59125
Features
2 part magnetically operated
proximity sensor
Moulded in terminal pins accept
push on connector or wire wrap
Case design allows screw down or
adhesive mounting
Customer defined sensitivity
Benefits
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security system switch
Linear actuators
59125 Pinned Flange Features and Benefits
59125 Sensor
57125 Actuator
D
59125
ISSUE No: 4
DATE: 1/5/3
Notes
1)
Connectors match Molex
® SL connector or equivalent. Purchase housing and pins from
connector supplier. Assembly required.
N.B. 57125 actuator sold separately


Similar Part No. - 59125-2-T-00-0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59125-2-T-00-0 LITTELFUSE-59125-2-T-00-0 Datasheet
349Kb / 3P
   Reed Sensors
More results

Similar Description - 59125-2-T-00-0

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59105-1-S-00-0 HAMLIN-59105-1-S-00-0 Datasheet
124Kb / 1P
   Terminal Flange Features and Benefits
59145-1-S-01-A HAMLIN-59145-1-S-01-A Datasheet
104Kb / 1P
   Flange Mount Features and Benefits
logo
List of Unclassifed Man...
57135-000 ETC2-57135-000 Datasheet
101Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59135-1-S-01-A HAMLIN-59135-1-S-01-A Datasheet
102Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
List of Unclassifed Man...
59135 ETC1-59135 Datasheet
98Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
55140-2M-01-A HAMLIN-55140-2M-01-A Datasheet
158Kb / 1P
   Flange Mount Hall Effect Sensor Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
55110-3M-01-A HAMLIN-55110-3M-01-A Datasheet
144Kb / 1P
   L.E.D. Flange Mount Hall Effect Sensor Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com