Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

59085-4-T-S-D Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59085-4-T-S-D
Description  Vane Sensor Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59085-4-T-S-D Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59085-4-T-S-D Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 2
Cable Type:-
24 AWG 7/32 PVC 105oC
UL1430/UL1569
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 3
Termination Options:-
SELECT
DESCRIPTION
OPTION
(2 WIRE VERSIONS ILLUSTRATED)
A or F
Tinned or untinned leads
B
Crimped terminals
C
6.35mm fastons
D
AMP MTE 2.54mm pitch
E
JST XHP 2.5mm pitch
ACTIVATION
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Cable Length and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Cable Length
Termination
File E61760(N)
www.hamlin.com
X
T
XX
X
DIMENSIONS (in) mm
Series 59085
Features
Sensor and magnet contained in
single housing
Sensor operates when ferrous vane
passes through slot
Normally open, normally closed or
change over options
Choice of cable length and
connector
Benefits
Quick and reliable single screw
mounting with location feature
No standby power requirement
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security system switch
Linear actuators
Industrial process control
Shaft rotation sensing
59085 Vane Sensor Features and Benefits
59085 Sensor
MUST OPERATE
MUST RELEASE
.285 (7.3)
MAX
Mu METAL
1.0 SQ x .062
VANE
MOVEMENT
59085
ISSUE No: 4
DATE: 1/5/3
TABLE 1
Form A
Normally
Change
Normally
Normally
Contact Type
Open
Over
Closed
Closed H.V.
Switch Type
13
4
5
Power
Watt - max.
5
5
10
10
Voltage
Switching
Vdc - max.
175
175
200
300
Breakdown
Vdc - min.
200
200
250
450
Current
Switching
A - max.
0.25
0.25
0.5
0.5
Carry
A - max.
1.5
1.5
1.2
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
0.2
0.2
Insulation
Ω - min.
10
9
10
9
10
10
10
10
Capacitance
Contact
pF - typ.
0.3
0.3
0.3
0.2
Temperature
Operating
°C
-40 to +105
-40 to +105
-40 to +105
-20 to +105
Storage
°C
-65 to +105
-65 to +105
-65 to +105
-65 to +105
Time
Operate
ms - max.
3.0
3.0
1.0
1.0
Release
ms - max.
3.0
3.0
1.0
1.0
Shock
11ms 1⁄2 sine
G - max.
50
50
100
100
Vibration
50-2000 Hz
G - max.
30
30
30
30


Similar Part No. - 59085-4-T-S-D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59085-4-T-02-A LITTELFUSE-59085-4-T-02-A Datasheet
505Kb / 3P
   Reed Sensors
59085-4-T-02-E LITTELFUSE-59085-4-T-02-E Datasheet
505Kb / 3P
   Reed Sensors
59085-4-T-02-F LITTELFUSE-59085-4-T-02-F Datasheet
505Kb / 3P
   Reed Sensors
More results

Similar Description - 59085-4-T-S-D

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59090-4-T-01-A HAMLIN-59090-4-T-01-A Datasheet
90Kb / 1P
   Heavy Duty Vane Sensor Features and Benefits
55085 HAMLIN-55085 Datasheet
335Kb / 1P
   Mini Vane Hall Effect Sensor Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
59630-1-T-01-A HAMLIN-59630-1-T-01-A Datasheet
102Kb / 1P
   Float Sensor Features and Benefits
HSS-2G0-10W-L HAMLIN-HSS-2G0-10W-L Datasheet
47Kb / 1P
   Shock Sensor Features and Benefits
logo
List of Unclassifed Man...
59210 ETC2-59210 Datasheet
59Kb / 1P
   Lever Arm Sensor Features and Benefits
logo
HAMLIN Position and Mov...
59210-4-T-00-0 HAMLIN-59210-4-T-00-0 Datasheet
59Kb / 1P
   Lever Arm Sensor Features and Benefits
55075-00-01-A HAMLIN-55075-00-01-A Datasheet
79Kb / 1P
   Geartooth Hall Effect Sensor Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59230-4-T-01-A HAMLIN-59230-4-T-01-A Datasheet
60Kb / 1P
   Robust Lever Arm Sensor Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com