Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMQ320C50 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SMQ320C50
Description  DIGITAL SIGNAL PROCESSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMQ320C50 Datasheet(HTML) 5 Page - Texas Instruments

  SMQ320C50 Datasheet HTML 1Page - Texas Instruments SMQ320C50 Datasheet HTML 2Page - Texas Instruments SMQ320C50 Datasheet HTML 3Page - Texas Instruments SMQ320C50 Datasheet HTML 4Page - Texas Instruments SMQ320C50 Datasheet HTML 5Page - Texas Instruments SMQ320C50 Datasheet HTML 6Page - Texas Instruments SMQ320C50 Datasheet HTML 7Page - Texas Instruments SMQ320C50 Datasheet HTML 8Page - Texas Instruments SMQ320C50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020 – JUNE 1996
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin assignments (continued)
PQ PKG
HFG PKG
GFA PKG
NAME
PQ PKG
HFG PKG
GFA PKG
NAME
96
79
M18
X2/CLKIN
123
106
B16
TCLKX
97
80
N19
X1
124
107
A17
CLKX
98
81
J5
VDD11
125
108
C13
TFSR/TADD
99
82
L5
VDD12
126
109
B14
TCLKR
100
83
L19
TDO
127
110
A15
RS
101
84
T6
VSS13
128
111
C11
READY
102
85
T8
VSS14
129
112
B12
HOLD
103
86
K18
CLKMD2
130
113
A13
BIO
104
87
J19
FSX
131
114
R7
VDD15
105
88
G19
TFSX/TFRM
132
115
R9
VDD16
106
89
H18
DX
1
116
A11
IAQ
107
90
J17
TDX
2
117
A9
TRST
108
91
E19
HOLDA
3
118
B10
VSS1
109
92
F18
XF
4
119
D6
VSS2
110
93
G17
CLKOUT1
5
120
A7
MP/MC
111
94
NC†
6
121
B8
D15(MSB)
112
95
E17
IACK
7
122
C9
D14
113
96
N5
VDD13
8
123
A5
D13
114
97
R5
VDD14
9
124
B6
D12
115
98
NC†
10
125
C7
D11
116
99
NC†
11
126
A3
D10
117
100
NC†
12
127
B4
D9
118
101
B18
EMU0
13
128
C5
D8
119
102
A19
EMU1/OFF
14
129
A1
VDD1
120
103
T10
VSS15
15
130
B2
VDD2
121
104
T12
VSS16
16
131
NC†
122
105
C15
TOUT
17
132
NC†
† NC = No internal connection
GFA Package additional connections:
VDD: R11, E15, G15, J15, L15, N15, R13, R15, T16, U17, V18, W17, W19
VSS: T14, U1, U3, V2, W1, C17, C19, D14, D16, D18, F16, H16, K16, M16, P16


Similar Part No. - SMQ320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMQ320C32 TI-SMQ320C32 Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32PCM TI-SMQ320C32PCM Datasheet
577Kb / 43P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMQ320C32 TI1-SMQ320C32_09 Datasheet
645Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMQ320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com