Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3906 Datasheet(PDF) 1 Page - Dc Components

Part # 2N3906
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

2N3906 Datasheet(HTML) 1 Page - Dc Components

  2N3906 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3906
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose switching and
amplifier applications.
Pinning
1 = Emitter
2 = Base
3 = Collector
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Total Power Dissipation
PD
625
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
-40
-
-
V
IC=-10
µA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
-40
-
-
V
IC=-1mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
-5
-
-
V
IE=-10
µA, IC=0
Collector Cutoff Current
ICEX
-
-
-50
nA
VCE=-30V, VBE=-3V
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
-0.25
V
IC=-10mA, IB=-1mA
VCE(sat)2
-
-
-0.4
V
IC=-50mA, IB=-5mA
Base-Emitter Saturation Voltage(1)
VBE(sat)1
-0.65
-
-0.85
V
IC=-10mA, IB=-1mA
VBE(sat)2
-
-
-0.95
V
IC=-50mA, IB=-5mA
hFE1
60
-
-
-
IC=-0.1mA, VCE=-1V
hFE2
80
-
-
-
IC=-1mA, VCE=-1V
DC Current Gain(1)
hFE3
100
-
300
-
IC=-10mA, VCE=-1V
hFE4
60
-
-
-
IC=-50mA, VCE=-1V
hFE5
30
-
-
-
IC=-100mA, VCE=-1V
Transition Frequency
fT
250
-
-
MHz
IC=-10mA, VCE=-20V, f=100MHz
Output Capacitance
Cob
-
-
4
pF
VCB=-5V, f=1MHz, IE=0
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MJE2955T DCCOM-MJE2955T Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA94 DCCOM-MPSA94 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
TIP32C DCCOM-TIP32C Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
TIP42C DCCOM-TIP42C Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com