Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1M120 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP1M120
Description  Programmable Logic Device Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M120 Datasheet(HTML) 2 Page - Altera Corporation

  EP1M120 Datasheet HTML 1Page - Altera Corporation EP1M120 Datasheet HTML 2Page - Altera Corporation EP1M120 Datasheet HTML 3Page - Altera Corporation EP1M120 Datasheet HTML 4Page - Altera Corporation EP1M120 Datasheet HTML 5Page - Altera Corporation EP1M120 Datasheet HTML 6Page - Altera Corporation EP1M120 Datasheet HTML 7Page - Altera Corporation EP1M120 Datasheet HTML 8Page - Altera Corporation EP1M120 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
...and More
Features
Advanced high-speed I/O features
Robust I/O standard support, including LVTTL, PCI up to
66 MHz, 3.3-V AGP in 1
× and 2× modes, 3.3-V SSTL-3 and 2.5-V
SSTL-2, GTL+, HSTL, CTT, LVDS, LVPECL, and 3.3-V PCML
High-speed differential interface (HSDI) with dedicated
circuitry for CDR at up to 1.25 Gbps for LVDS, LVPECL, and
3.3-V PCML
Support for source-synchronous True-LVDSTM circuitry up to
840 megabits per second (Mbps) for LVDS, LVPECL, and 3.3-V
PCML
Up to 18 input and 18 output dedicated differential channels of
high-speed LVDS, LVPECL, or 3.3-V PCML
Built-in 100-
Ω termination resistor on HSDI data and clock
differential pairs
–Flexible-LVDSTM circuitry provides 624-Mbps support on up to
100 channels with the EP1M350 device
Versatile three-register I/O element (IOE) supporting double
data rate I/O (DDRIO), double data-rate (DDR) SDRAM, zero
bus turnaround (ZBT) SRAM, and quad data rate (QDR) SRAM
Designed for low-power operation
1.8-V internal supply voltage (VCCINT)
MultiVoltTM I/O interface voltage levels (VCCIO) compatible
with 1.5-V, 1.8-V, 2.5-V, and 3.3-V devices
5.0-V tolerant with external resistor
Advanced interconnect structure
Multi-level FastTrack® Interconnect structure providing fast,
predictable interconnect delays
Optimized high-speed Priority FastTrack Interconnect for
routing critical paths in a design
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–FastLUTTM connection allowing high speed direct connection
between LEs in the same logic array block (LAB)
Leap lines allowing a single LAB to directly drive LEs in adjacent
rows
The RapidLAB interconnect providing a high-speed connection
to a 10-LAB-wide region
Dedicated clock and control signal resources, including four
dedicated clocks, six dedicated fast global signals, and additional
row-global signals


Similar Part No. - EP1M120

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1M120 ALTERA-EP1M120 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
More results

Similar Description - EP1M120

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com