Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C20F400C7ES Datasheet(PDF) 93 Page - Altera Corporation

Part # EP1C20F400C7ES
Description  Cyclone FPGA Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F400C7ES Datasheet(HTML) 93 Page - Altera Corporation

Back Button EP1C20F400C7ES Datasheet HTML 89Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 90Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 91Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 92Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 93Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 94Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 95Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 96Page - Altera Corporation EP1C20F400C7ES Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
Altera Corporation
4–23
May 2008
Preliminary
Timing Model
2.5-V LVTTL
2 mA
329
378
427
ps
8 mA
–661
–761
–860
ps
12 mA
–655
–754
–852
ps
16 mA
–795
–915
–1034
ps
1.8-V LVTTL
2 mA
—4
—4
—5
ps
8 mA
–208
–240
–271
ps
12 mA
–208
–240
–271
ps
1.5-V LVTTL
2 mA
2,288
2,631
2,974
ps
4 mA
608
699
790
ps
8 mA
292
335
379
ps
SSTL-3 class I
–410
–472
–533
ps
SSTL-3 class II
–811
–933
–1,055
ps
SSTL-2 class I
–485
–558
–631
ps
SSTL-2 class II
–758
–872
–986
ps
LVDS
–998
–1,148
–1,298
ps
Table 4–43. Cyclone I/O Standard Output Delay Adders for Fast Slew Rate on Row Pins (Part 1 of 2)
Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
2 mA
—0
—0
—0
ps
4 mA
–489
–563
–636
ps
8 mA
–855
–984
–1,112
ps
12 mA
–993
–1,142
–1,291
ps
3.3-V LVTTL
4 mA
—0
—0
—0
ps
8 mA
–347
–400
–452
ps
12 mA
–858
–987
–1,116
ps
16 mA
–819
–942
–1,065
ps
24 mA
–993
–1,142
–1,291
ps
2.5-V LVTTL
2 mA
329
378
427
ps
8 mA
–661
–761
–860
ps
12 mA
–655
–754
–852
ps
16 mA
–795
–915
–1,034
ps
Table 4–42. Cyclone I/O Standard Output Delay Adders for Fast Slew Rate on Column Pins (Part 2 of 2)
Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max


Similar Part No. - EP1C20F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400C7ES ALTERA-EP1C20F400C7ES Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C20F400C7ES ALTERA-EP1C20F400C7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C20F400C7ES ALTERA-EP1C20F400C7ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C20F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com