Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C20F400I7ES Datasheet(PDF) 99 Page - Altera Corporation

Part # EP1C20F400I7ES
Description  Cyclone FPGA Family
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F400I7ES Datasheet(HTML) 99 Page - Altera Corporation

Back Button EP1C20F400I7ES Datasheet HTML 95Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 96Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 97Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 98Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 99Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 100Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 101Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 102Page - Altera Corporation EP1C20F400I7ES Datasheet HTML 103Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 106 page
background image
Altera Corporation
4–29
May 2008
Preliminary
Timing Model
PLL Timing
Table 4–52 describes the Cyclone FPGA PLL specifications.
Table 4–51. Cyclone Maximum Output Clock Rate for Row Pins
I/O Standard
-6 Speed
Grade
-7 Speed
Grade
-8 Speed
Grade
Unit
LVTTL
296
285
273
MHz
2.5 V
381
366
349
MHz
1.8 V
286
277
267
MHz
1.5 V
219
208
195
MHz
LVCMOS
367
356
343
MHz
SSTL-3 class I
169
166
162
MHz
SSTL-3 class II
160
151
146
MHz
SSTL-2 class I
160
151
142
MHz
SSTL-2 class II
131
123
115
MHz
3.3-V PCI (1)
66
66
66
MHz
LVDS
320
303
275
MHz
Note to Tables 4–50 through 4–51:
(1)
EP1C3 devices do not support the PCI I/O standard. These parameters are only
available on row I/O pins.
Table 4–52. Cyclone PLL Specifications (Part 1 of 2)
Symbol
Parameter
Min
Max
Unit
fIN
Input frequency (-6 speed
grade)
15.625
464
MHz
Input frequency (-7 speed
grade)
15.625
428
MHz
Input frequency (-8 speed
grade)
15.625
387
MHz
fIN DUTY
Input clock duty cycle
40.00
60
%
tIN JITTER
Input clock period jitter
± 200
ps
fOUT_EXT (external PLL
clock output)
PLL output frequency
(-6 speed grade)
15.625
320
MHz
PLL output frequency
(-7 speed grade)
15.625
320
MHz
PLL output frequency
(-8 speed grade)
15.625
275
MHz


Similar Part No. - EP1C20F400I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400I7ES ALTERA-EP1C20F400I7ES Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C20F400I7ES ALTERA-EP1C20F400I7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C20F400I7ES ALTERA-EP1C20F400I7ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C20F400I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com